| 전자부품 데이터시트 검색엔진 |
|
RFKBES10EBL 데이터시트(PDF) 12 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
RFKBES10EBL 데이터시트(HTML) 12 Page - Panasonic Semiconductor |
|
12 / 71 page ![]() 8 Service Explorer Confirm “RAM-Drive Last Error” in Service Mode Execute Service Mode 1. Press [REC], [CH UP] and [OPEN/CLOSE] simultaneous ly for 5 seconds when P-off. FL Display: *After finishing display “(7). Factor of Drive Error occurring”, press [0] [2] ~[1] [9] keys of the Remote Controller so that 19 memories can be displayed as maximum. 2. Press [4] [2] keys of remote controller. Example of FL Display: (1) Error Number is displayed for 5 seconds. (2) Time when the error has occurred is displayed for 5 seconds. (3) Last Drive Error (1/2) is displayed for 5 seconds. (4) Last Drive Error (2/2) is displayed for 5 seconds. 12 DMR-ES10EB / DMR-ES10EC / DMR-ES10EG / DMR-ES10EP / DMR-ES10EBL |