전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS8853-27CF 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 FS8853-27CF
상세설명  300mA LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

FS8853-27CF 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FS8853-27CF Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8853-27CF Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8853-27CF Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8853-27CF Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8853-27CF Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8853-27CF Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8853-27CF Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8853-27CF Datasheet HTML 10Page - List of Unclassifed Manufacturers FS8853-27CF Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FS8853
300mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
7/13
TD-0405006
Rev. 1.5
http://www.fsc.com.tw
FAX: +886-2-2809-4874
OUTPUT VOLTAGE vs. AMBIENT
TEMPERATURE
3.26
3.28
3.3
3.32
3.34
3.36
-40
-30
-20
-10
0
1020304050607080
AMBIENT TEMPERATURE (℃)
OUTPUT NOISE DC to 1MHz (37uVRMS)
GROUND PIN CURRENT vs. INPUT VOLTAGE
0
20
40
60
80
100
120
140
01
23456789
10
INPUT VOLTAGE (V)
OUTPUT NOISE to 1MHz (67uVRMS)
LINE TRANSIENT (IOUT=0mA)
LINE TRANSIENT (IOUT=10mA)
Iload
=0mA
Iload
=300mA
5.0V
4.0V
CIN
1µF
COUT
3.3µF
50mV/div
VIN
VOUT
5.0V
4.0V
CIN
1µF
COUT
3.3µF
50mV/div
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13