전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NJ2411L 데이터시트(PDF) 2 Page - Nanjing International Group Co

부품명 NJ2411L
상세설명  Single Line TVS Diode for ESD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DGNJDZ [Nanjing International Group Co]
홈페이지  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ2411L 데이터시트(HTML) 2 Page - Nanjing International Group Co

  NJ2411L Datasheet HTML 1Page - Nanjing International Group Co NJ2411L Datasheet HTML 2Page - Nanjing International Group Co NJ2411L Datasheet HTML 3Page - Nanjing International Group Co NJ2411L Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NJ
Electrical Characteristics@ Ta=25℃ unless otherwise
Parameter
Marking
VRWM @IR
VBR@ImA
VC@1A
VC@IPP
CJ
V
µA
V
V
V
A
pF
MAX
MIN
MAX
MAX
MAX
2411L
24
1
26.2
44.8
65.8
3
10
Typical Characteristics@ Ta=25℃ unless otherwise specified
NJ2411L
TVS Diode Array
TVS Diode Array
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com