| 전자부품 데이터시트 검색엔진 |
|
TMCGD6SP0040C 데이터시트(PDF) 5 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
TMCGD6SP0040C 데이터시트(HTML) 5 Page - ITT Industries |
|
5 / 6 page ![]() Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com K K–15 C&K TM Series Miniature Snap-acting Switches ACTUATOR NOTE: For basic switch operating forces, see page K-12. .280 (7,11) .750 (19,05) .187 (4,75) N/A .04 .07 12 N/A .07 .14 24 .200 (5,08) .500 (12,70) .125 (3,18) N/A .04 .11 13 N/A .11 .21 36 .60 .88 17 25 .035 (0,89) .056 (1,42) .013 (0,33) .35 .53 1.06 10 15 30 .71 .99 2.12 20 28 60 1.76 2.65 5.29 50 75 150 P00 .125 (3,18) .312 (7,92) .070 (1,78) .04 .07 .18 12 5 .11 .18 .35 35 10 .53 1.06 1.59 15 30 45 A25 .060 (1,52) .140 (3,56) .025 (0,64) .11 .18 .35 35 10 .25 .35 .71 7 10 20 1.06 1.76 3.17 30 50 90 A20 .065 (1,65) .160 (4,06) .030 (0,76) .11 .14 .35 34 10 .21 .35 .71 6 10 20 1.06 1.59 2.82 30 45 80 A15 .035 (0,89) .070 (1,78) .013 (0,33) .25 .53 1.06 7 15 30 .49 .99 1.69 14 28 48 2.12 3.17 6.35 60 90 180 A10 N/A .42 .63 12 18 T28 N/A T27 .100 (2,54) .330 (8,38) .070 (1,78) .04 .07 .16 1 2 4.5 .07 .14 .32 24 9 .71 1.06 1.41 20 30 40 T25 .110 (2,79) .312 (7,92) .080 (2,03) .05 .07 .18 1.5 2 5 .11 .18 .35 35 10 .53 1.23 1.76 15 35 50 T24 .125 (3,18) .312 (7,92) .070 (1,78) .04 .07 .18 12 5 .11 .18 .35 35 10 .53 1.06 1.59 15 30 45 T23 .065 (1,65) .160 (4,06) .030 (0,76) .11 .18 .35 3 510 .21 .32 .71 6 920 1.06 1.59 3.17 30 45 90 T20 .160 (4,06) .375 (9,52) .078 (1,98) N/A .04 .14 14 N/A .14 .28 48 N/A .71 1.23 20 35 T18 .110 (2,79) .220 (5,59) .062 (1,57) .07 .07 .21 22 6 .14 .21 .42 46 12 .71 .88 1.76 20 25 50 T17 .140 (3,56) .312 (7,92) .090 (2,29) .05 .07 .18 1.5 2 5 .11 .18 .35 35 10 .53 .71 1.41 15 20 40 T16 .075 (1,90) .160 (4,06) .032 (0,81) .11 .14 .35 34 10 .21 .32 .71 69 20 1.06 1.59 2.28 30 45 80 T15 .062 (1,57) .140 (3,56) .050 (1,27) .11 .14 .35 34 10 .25 .35 .71 7 10 20 1.06 1.76 3.17 30 50 90 T13 .065 (1,65) .160 (4,06) .030 (0,76) .11 .14 .35 3 410 .21 .35 .71 6 10 20 1.06 1.59 2.82 30 45 80 T13 .035 (0,89) .080 (2,03) .013 (0,33) .25 .53 1.06 7 15 30 .49 .99 1.69 14 28 48 2.12 3.17 6.35 60 90 180 T10 MINIMUM OVERTRAVEL ALL FORCES MAXIMUM PRETRAVEL ALL FORCES MAXIMUM DIFFERENTIAL TRAVEL ALL FORCES MINIMUM RETURN FORCE (OZ./GRAMS) MINIMUM RELEASE FORCE (OZ./GRAMS) MAXIMUM OPERATING FORCE (OZ./GRAMS) CF CG CJ (50) (75) (150) OPTION CODE SWITCH CHARACTERISTICS CF CG CJ (50) (75) (150) CF CG CJ (50) (75) (150) T26 N/A .35 10 .71 20 N/A .07 2 .18 5 N/A .04 1 .07 2 .110 (2,79) .500 (12,7) .250 (6,35) |