전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STTH200L04TV1 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STTH200L04TV1
상세설명  Ultrafast high voltage rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH200L04TV1 데이터시트(HTML) 6 Page - STMicroelectronics

  STTH200L04TV1 Datasheet HTML 1Page - STMicroelectronics STTH200L04TV1 Datasheet HTML 2Page - STMicroelectronics STTH200L04TV1 Datasheet HTML 3Page - STMicroelectronics STTH200L04TV1 Datasheet HTML 4Page - STMicroelectronics STTH200L04TV1 Datasheet HTML 5Page - STMicroelectronics STTH200L04TV1 Datasheet HTML 6Page - STMicroelectronics STTH200L04TV1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
STTH200L04TV1
6/7
3
Ordering information
4
Revision history
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTH200L04TV1 STTH200L04TV1
ISOTOP
27 g
(without screws)
10
(with screws)
Tube
Date
Revision
Description of Changes
11-Aug-2006
1
First issue



Html Pages

1 2 3 4 5 6 7