전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSB5A 데이터시트(PDF) 26 Page - Honeywell Solid State Electronics Center

부품명 LSB5A
상세설명  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSB5A 데이터시트(HTML) 26 Page - Honeywell Solid State Electronics Center

Back Button LSB5A Datasheet HTML 22Page - Honeywell Solid State Electronics Center LSB5A Datasheet HTML 23Page - Honeywell Solid State Electronics Center LSB5A Datasheet HTML 24Page - Honeywell Solid State Electronics Center LSB5A Datasheet HTML 25Page - Honeywell Solid State Electronics Center LSB5A Datasheet HTML 26Page - Honeywell Solid State Electronics Center LSB5A Datasheet HTML 27Page - Honeywell Solid State Electronics Center LSB5A Datasheet HTML 28Page - Honeywell Solid State Electronics Center LSB5A Datasheet HTML 29Page - Honeywell Solid State Electronics Center LSB5A Datasheet HTML 30Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
26 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Figure 18. MICRO SWITCH HDLS LSF Series side roller plunger
(single pole) dimensions
44,2
[1.74]
OPERATING
POINT
21,6
[.85]
14,7
[.58]
39,6
[1.56]
4,8
[.19]
31,5
[1.24]
19,0
[.75]
59,4
[2.34]
70,4
[2.77]
29,4
[1.16]
41,1
[1,62]
44,4
[1.54]
39,1
[1.54]
25,4
[1.00]
16,5
[.65]
74,9
[2.95]
20,3
[.80]
12,7
[.50]
ROLLER
DIAMETER
25,4
[1.00]
CONDUIT OPENING
LOCATION
LSF SPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
2X 10-32 UNF
TAPPED FROM REAR ONLY
MTG PADS
DIMS: MM
[IN]
21,6
[.85]
44,2
[1.74]
OPERATING
POINT
4,8
[.19]
19,0
[.75]
14,7
[.58]
39,6
[1.56]
31,5
[1.24]
59,4
[2.34]
70,4
[2.77]
29,4
[1.16]
41,1
[1,62]
20,3
[.80]
36,6
[1.44]
39,0
[1.54]
44,4
[1.75]
75,8
[2.98]
20,3
[.80]
12,7
[.50]
ROLLER
DIAMETER
25,4
[1.00]
CONDUIT OPENING
LOCATION
LSF SPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
18,8
[.74]
26,4
[1.04]
45,3
[1.78]
89,7
[3,53]
21,6
[.85]
44,2
[1.74]
OPERATING
POINT
14,7
[.58]
39,6
[1.56]
19,0
[.75]
4,8
[.19]
31,5
[1.24]
82,6
[3.25]
59,5
[2.34]
29,4
[1.16]
47,8
[1.88]
20.3
[.80]
12.7
[.50]
ROLLER
DIAMETER
38,1
[1.50]
25,4
[1.00]
CONDUIT OPENING
LOCATION
LSF DPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH
21,6
[.85]
19,0
[.75]
4,8
[.19]
14,7
[.58]
39,6
[1.56]
31,5
[1.24]
59,5
[2.34]
82,6
[3.25]
29,4
[1.16]
47,8
[1.88]
21,3
[.84]
38,1
[1.50]
45,3
[1.78]
89,7
[3.53]
20,3
[.80]
44,2
[1.74]
OPERATING
POINT
n 25,4
[1.00]
12,7
[.50]
ROLLER DIAMETER
CONDUIT OPENING
LOCATION
LSF DPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH
SPDT Plug-in (mm[in])
SPDT Non-plug-in (mm[in])
DPDT Plug-in (mm[in])
DPDT Non-plug-in (mm[in])
Figure 19. MICRO SWITCH HDLS LSF Series side roller plunger
(double pole) dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38