전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71WS256JC0BAWTY0 데이터시트(PDF) 22 Page - SPANSION

부품명 S71WS256JC0BAWTY0
상세설명  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256JC0BAWTY0 데이터시트(HTML) 22 Page - SPANSION

Back Button S71WS256JC0BAWTY0 Datasheet HTML 18Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 19Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 20Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 21Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 22Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 23Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 24Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 25Page - SPANSION S71WS256JC0BAWTY0 Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 186 page
background image
20
S71WS-J Based MCPs
S71WS-J_04_A2 August 19, 2005
Pr elim inary
General Description
7KH 6:6-B0&36:6- LV D  0ELW  9ROWRQO\ VLPXOWDQHRXV
5HDG:ULWH %XUVW 0RGH )ODVK PHPRU\ GHYLFH RUJDQL]HG DV  ZRUGV
RI  ELWV HDFK 7KLV GHYLFH XVHV D VLQJOH 9&& RI  WR  9 WR UHDG SURJUDP DQG
HUDVH WKHPHPRU\ DUUD\$ YROW 9++ RQ$&& PD\ EH XVHG IRUIDVWHU SURJUDP SHUIRU
PDQFHLIGHVLUHG7KHGHYLFH FDQ DOVREH SURJUDPPHG LQ VWDQGDUG(3520 SURJUDPPHUV
$W  0+] WKH GHYLFH SURYLGHV D EXUVW DFFHVV RI  QV DW  S) ZLWK D ODWHQF\ RI  QV
DW  S) $W  0+] WKH GHYLFH SURYLGHV D EXUVW DFFHVV RI  QV DW  S) ZLWK D ODWHQF\
RI  QV DW  S) 7KH GHYLFH RSHUDWHV ZLWKLQ WKH LQGXVWULDO WHPSHUDWXUH UDQJH RI ƒ& WR
ƒ& DQG WKH ZLUHOHVV WHPSHUDWXUH UDQJH RI ƒ& WR ƒ& 7KH GHYLFH LV RIIHUHG LQ
9DULRXV)%*$SDFNDJHV
7KH 6LPXOWDQHRXV 5HDG:ULWH DUFKLWHFWXUH SURYLGHV VLPXOWDQHRXV RSHUDWLRQ E\ GLYLG
LQJ WKH PHPRU\ VSDFH LQWR IRXU EDQNV 7KH GHYLFH FDQ LPSURYH RYHUDOO V\VWHP SHUIRU
PDQFH E\ DOORZLQJ DKRVW V\VWHP WRSURJUDP RU HUDVH LQ RQH EDQNWKHQ LPPHGLDWHO\ DQG
VLPXOWDQHRXVO\ UHDG IURPDQRWKHUEDQNZLWK ]HUR ODWHQF\ 7KLV UHOHDVHVWKH V\VWHPIURP
ZDLWLQJIRUWKHFRPSOHWLRQ RISURJUDP RUHUDVHRSHUDWLRQV
7KHGHYLFHLVGLYLGHGDV VKRZQ LQWKHIROORZLQJ WDEOH
7KH 9HUVDWLOH,2Œ 9,2 FRQWURO DOORZV WKH KRVW V\VWHP WR VHW WKH YROWDJH OHYHOV WKDW WKH
GHYLFH JHQHUDWHV DW LWV GDWD RXWSXWV DQG WKH YROWDJHV WROHUDWHG DW LWV GDWD LQSXWV WR WKH
VDPH YROWDJHOHYHO WKDW LV DVVHUWHGRQ WKH 9,2 SLQ
7KHGHYLFHXVHV &KLS(QDEOH &( :ULWH(QDEOH :( $GGUHVV9DOLG $9' DQG 2XW
SXW (QDEOH 2( WR FRQWURO DV\QFKURQRXV UHDG DQG ZULWH RSHUDWLRQV )RU EXUVW RSHUD
WLRQV WKH GHYLFH DGGLWLRQDOO\ UHTXLUHV 5HDG\ 5'<  DQG &ORFN &/.  7KLV
LPSOHPHQWDWLRQ DOORZV HDV\ LQWHUIDFH ZLWK PLQLPDO JOXH ORJLF WR D ZLGH UDQJH RI PLFURSUR
FHVVRUVPLFURFRQWUROOHUVIRUKLJK SHUIRUPDQFHUHDGRSHUDWLRQV
7KH EXUVW UHDG PRGH IHDWXUH JLYHV V\VWHP GHVLJQHUV IOH[LELOLW\ LQ WKH LQWHUIDFH WR WKH GH
YLFH 7KH XVHU FDQ SUHVHW WKH EXUVW OHQJWK DQG ZUDS WKURXJK WKHVDPH PHPRU\ VSDFH RU
UHDG WKH IODVKDUUD\ LQ FRQWLQXRXV PRGH
7KH FORFN SRODULW\ IHDWXUH SURYLGHV V\VWHP GHVLJQHUV D FKRLFH RI DFWLYH FORFN HGJHV HLWKHU
ULVLQJ RU IDOOLQJ 7KH DFWLYH FORFN HGJH LQLWLDWHV EXUVW DFFHVVHV DQG GHWHUPLQHV ZKHQ GDWD
ZLOOEHRXWSXW
7KH GHYLFH LV HQWLUHO\ FRPPDQG VHW FRPSDWLEOH ZLWK WKH -('(&  VLQJOHSRZHU
VXSSO\ )ODVK VWDQGDUG &RPPDQGV DUH ZULWWHQ WR WKH FRPPDQG UHJLVWHU XVLQJ VWDQGDUG
PLFURSURFHVVRU ZULWH WLPLQJ 5HJLVWHU FRQWHQWV VHUYH DV LQSXWV WR DQ LQWHUQDO VWDWHPD
FKLQHWKDW FRQWUROV WKHHUDVHDQG SURJUDPPLQJ FLUFXLWU\ :ULWH F\FOHV DOVR LQWHUQDOO\ ODWFK
DGGUHVVHV DQG GDWD QHHGHG IRU WKH SURJUDPPLQJ DQG HUDVH RSHUDWLRQV 5HDGLQJ GDWD RXW
RIWKHGHYLFH LV VLPLODUWR UHDGLQJ IURPRWKHU)ODVK RU(3520GHYLFHV
7KH (UDVH 6XVSHQG(UDVH 5HVXPH IHDWXUH HQDEOHV WKH XVHU WR SXW HUDVH RU SURJUDP
RQ KROG IRU DQ\ SHULRG RI WLPH WR UHDG GDWD IURP RU SURJUDP GDWD WR DQ\ VHFWRU WKDW LV
QRW VHOHFWHG IRU HUDVXUH 7UXH EDFNJURXQG HUDVH FDQ WKXV EH DFKLHYHG ,I D UHDG LV QHHGHG
IURP WKH 6HFXUHG 6LOLFRQ 6HFWRU DUHD 2QH 7LPH 3URJUDP DUHD DIWHU DQ HUDVH VXVSHQG
WKHQWKHXVHUPXVW XVH WKHSURSHU FRPPDQGVHTXHQFH WR HQWHU DQG H[LW WKLV UHJLRQ 3UR
JUDP VXVSHQG LVDOVRRIIHUHG
7KH KDUGZDUH 5(6(7 SLQ WHUPLQDWHV DQ\ RSHUDWLRQ LQ SURJUHVV DQG UHVHWV WKH LQWHUQDO
VWDWH PDFKLQH WR UHDGLQJ DUUD\ GDWD 7KH 5(6(7 SLQ PD\ EH WLHG WR WKH V\VWHP UHVHW FLU
%DQN
4XDQWLW\
6L]H
0E
 0E
$


 .ZRUGV


 .ZRUGV
%


 .ZRUGV
&


 .ZRUGV
'


 .ZRUGV


 .ZRUGV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com