전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TFPT0603L1002DP 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 TFPT0603L1002DP
상세설명  Linear PTC Thermistors, Surface Mount Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFPT0603L1002DP 데이터시트(HTML) 3 Page - Vishay Siliconix

  TFPT0603L1002DP Datasheet HTML 1Page - Vishay Siliconix TFPT0603L1002DP Datasheet HTML 2Page - Vishay Siliconix TFPT0603L1002DP Datasheet HTML 3Page - Vishay Siliconix TFPT0603L1002DP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TFPT
Vishay
Linear PTC Thermistors, Surface Mount Chip
www.vishay.com
For technical questions, contact: thermistor1@vishay.com
document number: 33017
8
Revision: 25-Oct-06
Ratio Tolerance Examples:
At 40 °C, Ratio = 1.063 ± 0.5 % (0.005)
so, Ratio = 1.058 to 1.068
At 125 °C, Ratio = 1.460 ± 3 % (0.044)
so, Ratio = 1.416 to 1.504
AVERAGE T.C.S TFPT ALL SIZES & VALUES
TEMP
RATIO
TEMP
RATIO
TEMP
RATIO
TEMP
RATIO
- 55
0.698
- 10
0.861
35
1.042
80
1.240
- 54
0.701
- 9
0.865
36
1.046
81
1.244
- 53
0.705
- 8
0.869
37
1.050
82
1.249
- 52
0.708
- 7
0.873
38
1.054
83
1.254
- 51
0.712
- 6
0.876
39
1.058
84
1.258
- 50
0.715
- 5
0.880
40
1.063
85
1.263
- 49
0.719
- 4
0.884
41
1.067
86
1.268
- 48
0.722
- 3
0.888
42
1.071
87
1.272
- 47
0.726
- 2
0.892
43
1.075
88
1.277
- 46
0.729
- 1
0.896
44
1.080
89
1.282
- 45
0.733
0
0.900
45
1.084
90
1.287
- 44
0.736
1
0.904
46
1.088
91
1.291
- 43
0.740
2
0.908
47
1.092
92
1.296
- 42
0.743
3
0.911
48
1.097
93
1.301
- 41
0.747
4
0.915
49
1.101
94
1.306
- 40
0.750
5
0.919
50
1.105
95
1.311
- 39
0.754
6
0.923
51
1.110
96
1.315
- 38
0.757
7
0.927
52
1.114
97
1.320
- 37
0.761
8
0.931
53
1.118
98
1.325
- 36
0.765
9
0.935
54
1.123
99
1.330
- 35
0.768
10
0.939
55
1.127
100
1.335
- 34
0.772
11
0.943
56
1.131
101
1.340
- 33
0.775
12
0.947
57
1.136
102
1.345
- 32
0.779
13
0.951
58
1.140
103
1.349
- 31
0.783
14
0.955
59
1.145
104
1.354
- 30
0.786
15
0.959
60
1.149
105
1.359
- 29
0.790
16
0.963
61
1.153
106
1.364
- 28
0.794
17
0.967
62
1.158
107
1.369
- 27
0.797
18
0.971
63
1.162
108
1.374
- 26
0.801
19
0.975
64
1.167
109
1.379
- 25
0.805
20
0.980
65
1.171
110
1.384
- 24
0.808
21
0.984
66
1.176
111
1.389
- 23
0.812
22
0.988
67
1.180
112
1.394
- 22
0.816
23
0.992
68
1.185
113
1.399
- 21
0.820
24
0.996
69
1.189
114
1.404
- 20
0.823
25
1.000
70
1.194
115
1.409
- 19
0.827
26
1.004
71
1.198
116
1.414
- 18
0.831
27
1.008
72
1.203
117
1.419
- 17
0.834
28
1.012
73
1.208
118
1.424
- 16
0.838
29
1.017
74
1.212
119
1.429
- 15
0.842
30
1.021
75
1.217
120
1.434
- 14
0.846
31
1.025
76
1.221
121
1.439
- 13
0.850
32
1.029
77
1.226
122
1.444
- 12
0.853
33
1.033
78
1.230
123
1.450
- 11
0.857
34
1.037
79
1.235
124
1.455
125
1.460
RATIO TOLERANCES
LOW TEMPERATURE HIGH TEMPERATURE
TOLERANCE
- 55 °C
± 4 %
- 40 °C
+ 125 °C
± 3 %
- 20 °C
+ 85 °C
± 2 %
0 °C
+ 55 °C
± 1 %
+ 12 °C
+ 40 °C
± 0.5 %



Html Pages

1 2 3 4