전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71WS128JC0BAWTY2 데이터시트(PDF) 40 Page - SPANSION

부품명 S71WS128JC0BAWTY2
상세설명  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS128JC0BAWTY2 데이터시트(HTML) 40 Page - SPANSION

Back Button S71WS128JC0BAWTY2 Datasheet HTML 36Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 37Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 38Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 39Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 40Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 41Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 42Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 43Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 44Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 186 page
background image
38
S71WS-J Based MCPs
S71WS-J_04_A2 August 19, 2005
Pr elim inary
 ,W SHUPDQHQWO\ VHWV WKH GHYLFH WR RSHUDWH XVLQJ WKH 3DVVZRUG 3URWHFWLRQ
0RGH ,W LV QRW SRVVLEOH WR UHYHUVH WKLV IXQFWLRQ
 ,W DOVR GLVDEOHV DOO IXUWKHU FRPPDQGV WR WKH SDVVZRUG UHJLRQ $OO SURJUDP
DQG UHDG RSHUDWLRQV DUH LJQRUHG
%RWK RI WKHVH REMHFWLYHV DUH LPSRUWDQW DQG LI QRW FDUHIXOO\ FRQVLGHUHG PD\ OHDG
WR XQUHFRYHUDEOH HUURUV 7KH XVHU PXVW EH VXUH WKDW WKH 3DVVZRUG 3URWHFWLRQ
PHWKRG LV GHVLUHG ZKHQ VHWWLQJ WKH 3DVVZRUG 0RGH /RFNLQJ %LW 0RUH LPSRU
WDQWO\ WKH XVHU PXVW EH VXUH WKDW WKH SDVVZRUG LV FRUUHFW ZKHQ WKH 3DVVZRUG
0RGH /RFNLQJ %LW LV VHW 'XH WR WKH IDFW WKDW UHDG RSHUDWLRQV DUH GLVDEOHG WKHUH
LV QR PHDQV WR YHULI\ ZKDW WKH SDVVZRUG LV DIWHUZDUGV ,I WKH SDVVZRUG LV ORVW
DIWHU VHWWLQJ WKH 3DVVZRUG 0RGH /RFNLQJ %LW WKHUH ZLOO EH QR ZD\ WR FOHDU WKH
33% /RFNELW
7KH3DVVZRUG0RGH/RFNLQJ%LWRQFHVHW SUHYHQWV UHDGLQJ WKH ELWSDVVZRUG
RQ WKH '4 EXV DQG IXUWKHU SDVVZRUG SURJUDPPLQJ 7KH3DVVZRUG 0RGH /RFNLQJ
%LW LV QRW HUDVDEOH 2QFH 3DVVZRUG 0RGH /RFNLQJ %LW LV SURJUDPPHG WKH 3HUVLV
WHQW 6HFWRU 3URWHFWLRQ /RFNLQJ %LW LV GLVDEOHG IURP SURJUDPPLQJ JXDUDQWHHLQJ
WKDW QR FKDQJHVWR WKHSURWHFWLRQVFKHPHDUHDOORZHG
64-bit Password
7KH ELW 3DVVZRUG LV ORFDWHG LQ LWV RZQ PHPRU\ VSDFH DQG LV DFFHVVLEOH
WKURXJK WKH XVH RI WKH 3DVVZRUG 3URJUDP DQG 9HULI\ FRPPDQGV VHH ³3DVVZRUG
3URJUDP &RPPDQG´ VHFWLRQ RQ SDJH  DQG ³3DVVZRUG 9HULI\ &RPPDQG´ VHF
WLRQ RQ SDJH   7KH SDVVZRUG IXQFWLRQ ZRUNV LQ FRQMXQFWLRQ ZLWK WKH 3DVVZRUG
0RGH /RFNLQJ %LWZKLFK ZKHQ VHWSUHYHQWV WKH 3DVVZRUG 9HULI\ FRPPDQG IURP
UHDGLQJ WKH FRQWHQWV RIWKHSDVVZRUGRQ WKH SLQVRIWKHGHYLFH
Persistent Protection Bit Lock
7KH 3HUVLVWHQW 3URWHFWLRQ %LW 33% /RFN LV D YRODWLOH ELW WKDW UHIOHFWV WKH VWDWH RI
WKH3DVVZRUG 0RGH/RFNLQJ%LWDIWHU SRZHUXS UHVHW,IWKH3DVVZRUG 0RGH /RFN
%LW LV DOVR VHW DIWHU D KDUGZDUH UHVHW 5(6(7 DVVHUWHG RU D SRZHUXS UHVHW
WKH 21/< PHDQV IRU FOHDULQJ WKH 33% /RFN %LW LQ 3DVVZRUG 3URWHFWLRQ 0RGH LV WR
LVVXH WKH 3DVVZRUG 8QORFN FRPPDQG 6XFFHVVIXO H[HFXWLRQ RI WKH 3DVVZRUG 8Q
ORFN FRPPDQG FOHDUV WKH 33% /RFN %LW DOORZLQJ IRU VHFWRU 33%V PRGLILFDWLRQV
$VVHUWLQJ 5(6(7 WDNLQJ WKH GHYLFH WKURXJK D SRZHURQ UHVHW RU LVVXLQJ WKH
33%/RFN%LW6HWFRPPDQGVHWV WKH33%/RFN%LWWR D³´
,I WKH 3DVVZRUG 0RGH /RFNLQJ %LW LV QRW VHW LQFOXGLQJ 3HUVLVWHQW 3URWHFWLRQ
0RGH WKH 33% /RFN %LW LV FOHDUHG DIWHU SRZHUXS RU KDUGZDUH UHVHW 7KH 33%
/RFN %LW LV VHWDEOH E\ LVVXLQJ WKH 33% /RFN %LW 6HW FRPPDQG 2QFH VHW WKH RQO\
PHDQV IRU FOHDULQJ WKH 33% /RFN %LW LV E\ LVVXLQJ D KDUGZDUH RU SRZHUXS UHVHW
7KH3DVVZRUG 8QORFN FRPPDQGLVLJQRUHGLQ3HUVLVWHQW 3URWHFWLRQ 0RGH
+LJK9ROWDJH6HFWRU3URWHFWLRQ
6HFWRU SURWHFWLRQ DQG XQSURWHFWLRQ PD\ DOVR EH LPSOHPHQWHG XVLQJ SURJUDPPLQJ
HTXLSPHQW 7KH SURFHGXUH UHTXLUHV KLJK YROWDJH 9,' WR EH SODFHG RQ WKH 5(
6(7 SLQ 5HIHU WR )LJXUH  ³,Q6\VWHP 6HFWRU 3URWHFWLRQ6HFWRU 8QSURWHFWLRQ
$OJRULWKPV´ RQ SDJH  IRU GHWDLOV RQ WKLV SURFHGXUH 1RWH WKDW IRU VHFWRU XQSUR
WHFWDOO XQSURWHFWHG VHFWRUVPXVW EH ILUVW SURWHFWHG SULRU WR WKH ILUVW VHFWRU ZULWH
F\FOH 2QFH WKH 3DVVZRUG 0RGH /RFNLQJ ELW RU 3HUVLVWHQW 3URWHFWLRQ /RFNLQJ ELW DUH
VHW WKH KLJK YROWDJH VHFWRU SURWHFWXQSURWHFW FDSDELOLW\ LV GLVDEOHG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com