전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71WS128JC0BAWTY2 데이터시트(PDF) 113 Page - SPANSION

부품명 S71WS128JC0BAWTY2
상세설명  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS128JC0BAWTY2 데이터시트(HTML) 113 Page - SPANSION

Back Button S71WS128JC0BAWTY2 Datasheet HTML 109Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 110Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 111Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 112Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 113Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 114Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 115Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 116Page - SPANSION S71WS128JC0BAWTY2 Datasheet HTML 117Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 186 page
background image
August 19, 2005 S71WS-J_04_A2
S71WS-J Based MCPs
111
Pr elim inary
AC Characteristics
:DLW 6WDWH'HFRGLQJ$GGUHVVHV
A14, A13, A12 = “111”
⇒ Reserved
A14, A13, A12 = “110”
⇒ Reserved
A14, A13, A12 = “101”
⇒ 5 programmed, 7 total
A14, A13, A12 = “100”
⇒ 4 programmed, 6 total
A14, A13, A12 = “011”
⇒ 3 programmed, 5 total
A14, A13, A12 = “010”
⇒ 2 programmed, 4 total
A14, A13, A12 = “001”
⇒ 1 programmed, 3 total
A14, A13, A12 = “000”
⇒ 0 programmed, 2 total
1RWH )LJXUH DVVXPHVDGGUHVV'LVQRW DWDQDGGUHVVERXQGDU\DFWLYHFORFN HGJHLVULVLQJDQGZDLW VWDWH LV VHW WR³´
Figure 36.
Example of Wait States Insertion
Data
AVD#
OE#
CLK
12
3
4
5
D0
D1
01
6
2
7
3
total number of clock cycles
following addresses being latched
Rising edge of next clock cycle
following last wait state triggers
next burst data
number of clock cycles
programmed
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com