전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71WS256JB0BAWTY2 데이터시트(PDF) 117 Page - SPANSION

부품명 S71WS256JB0BAWTY2
상세설명  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256JB0BAWTY2 데이터시트(HTML) 117 Page - SPANSION

Back Button S71WS256JB0BAWTY2 Datasheet HTML 113Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 114Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 115Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 116Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 117Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 118Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 119Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 120Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 121Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 186 page
background image
August 19, 2005 S71WS-J_04_A2
S71WS-J Based MCPs
115
Prel imin ar y
Functional Description
Asynchronous Operation (Page Mode)
/HJHQG/
9,/ +
9,+ ; FDQEH HLWKHU 9,/ RU 9,++LJK=
+LJK,PSHGDQFH
1RWHV
 6KRXOGQRW EHNHSWDW WKLV ORJLFFRQGLWLRQ ORQJHU WKDQ —V
 3RZHU 'RZQ PRGH FDQEHHQWHUHGIURP6WDQGE\ VWDWHDQGDOO'4 SLQV DUHLQ +LJK= VWDWH 'DWD UHWHQWLRQ GHSHQGV RQ WKH
VHOHFWLRQ RI 3DUWLDO 6L]H 5HIHU WRWKH 3RZHU'RZQ VHFWLRQ LQ WKH )XQFWLRQDO'HVFULSWLRQIRU GHWDLOV
 ³/´ IRU DGGUHVVSDVV WKURXJK DQG³+´IRU DGGUHVVODWFKRQ WKH ULVLQJHGJHRI$'9 
 2( FDQ EH 9,/ GXULQJ:ULWHRSHUDWLRQ LIWKH IROORZLQJ FRQGLWLRQVDUHVDWLVILHG
 :ULWHSXOVHLVLQLWLDWHGE\&( UHIHUWR &( &RQWUROOHG :ULWHWLPLQJ RUF\FOHWLPHRIWKHSUHYLRXVRSHUDWLRQ F\FOHLV
VDWLVILHG
 2(VWD\V9,/ GXULQJ :ULWH F\FOH
 &DQ EH HLWKHU 9,/ RU9,+ EXWPXVWEHYDOLG EHIRUH5HDG RU:ULWH
 2XWSXWLVHLWKHU 9DOLG RU +LJK=GHSHQGLQJ RQWKHOHYHO RI 8% DQG /% LQSXW
0RGH
&( &(
&/.
$'9
:(
2(
/%
8%
$
'4
'4
:$,7
6WDQGE\ 'HVHOHFW
+
+
;
;
;
;
;
;
;
+LJK=
+LJK=
+LJK=
2XWSXW'LVDEOH 1RWH
+/
;
1RWH
+
+
;
;
1RWH
+LJK=
+LJK=
+LJK=
2XWSXW'LVDEOH 1R 5HDG
;
+/
+
+
9DOLG
+LJK=
+LJK=
+LJK=
5HDG 8SSHU %\WH
;
+
/9DOLG
+LJK=
2XWSXW 9DOLG
+LJK=
5HDG /RZHU %\WH
;
/
+
9DOLG
2XWSXW9DOLG
+LJK=
+LJK=
5HDG :RUG
;
//9DOLG
2XWSXW 9DOLG 2XWSXW 9DOLG
+LJK=
3DJH5HDG
;
/+
/+
9DOLG
1RWH
1RWH
+LJK=
1R :ULWH
;
/
+
1RWH
+
+
9DOLG
,QYDOLG
,QYDOLG
+LJK=
:ULWH 8SSHU %\WH
;
+
/9DOLG
,QYDOLG
,QSXW 9DOLG
+LJK=
:ULWH /RZHU %\WH
;
/
+
9DOLG
,QSXW 9DOLG
,QYDOLG
+LJK=
:ULWH :RUG
;
//9DOLG
,QSXW 9DOLG
,QSXW 9DOLG
+LJK=
3RZHU'RZQ 1RWH
/;
;
;
;
;
;
;
;
+LJK=
+LJK=
+LJK=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com