전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71WS256JB0BAWTY2 데이터시트(PDF) 121 Page - SPANSION

부품명 S71WS256JB0BAWTY2
상세설명  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256JB0BAWTY2 데이터시트(HTML) 121 Page - SPANSION

Back Button S71WS256JB0BAWTY2 Datasheet HTML 117Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 118Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 119Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 120Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 121Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 122Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 123Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 124Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 125Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 186 page
background image
August 19, 2005 S71WS-J_04_A2
S71WS-J Based MCPs
119
Prel imin ar y
7KHILUVWF\FOH LV WR UHDG IURP PRVW VLJQLILFDQWDGGUHVV 06% 
7KH VHFRQG DQG WKLUG F\FOH DUH WR ZULWH WR 06% ,I WKH VHFRQG RU WKLUG F\FOH LV ZULW
WHQ LQWR WKH GLIIHUHQW DGGUHVV WKH &5 6HW LV FDQFHOOHG DQG WKH GDWD ZULWWHQ E\ WKH
VHFRQG RU WKLUG F\FOH LV YDOLG DV D QRUPDO ZULWH RSHUDWLRQ ,W LV UHFRPPHQGHG WR
ZULWH EDFN WKH GDWD 5'D UHDG E\ILUVWF\FOHWR 06% LQRUGHU WRVHFXUHWKHGDWD
7KH IRUWK DQG ILIWK F\FOH LV WR ZULWH WR 06% 7KH GDWD RI IRUWK DQG ILIWK F\FOH LV
GRQ¶WFDUH ,I WKH IRUWK RU ILIWK F\FOH LV ZULWWHQ LQWR GLIIHUHQW DGGUHVV WKH &5 6HW
LVDOVR FDQFHOOHGEXW ZULWH GDWD PD\ QRW EHZULWWHQDV QRUPDOZULWHRSHUDWLRQ
7KH ODVW F\FOH LV WR UHDG IURP VSHFLILF DGGUHVV NH\ IRU PRGH VHOHFWLRQ $QG UHDG
GDWD 5'E LVLQYDOLG
2QFH WKLV &5 6HW VHTXHQFH LV SHUIRUPHG IURP DQ LQLWLDO &5 VHW WR WKH RWKHU QHZ
&5 VHW WKH ZULWWHQ GDWD VWRUHG LQ PHPRU\ FHOO DUUD\ PD\ EH ORVW 6R &5 6HW VH
TXHQFH VKRXOG EH SHUIRUPHG SULRU WR UHJXODU UHDGZULWH RSHUDWLRQ LI QHFHVVDU\ WR
FKDQJH IURP GHIDXOWFRQILJXUDWLRQ
UG
:ULWH
)))))K
5'D
WK
:ULWH
)))))K
;
WK
:ULWH
)))))K
;
WK
5HDG
$GGUHVV.H\
5HDG 'DWD 5'E
Cycle #
Operation
Address
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com