전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS841484I 데이터시트(PDF) 17 Page - Renesas Technology Corp

부품명 ICS841484I
상세설명  FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841484I 데이터시트(HTML) 17 Page - Renesas Technology Corp

Back Button ICS841484I Datasheet HTML 13Page - Renesas Technology Corp ICS841484I Datasheet HTML 14Page - Renesas Technology Corp ICS841484I Datasheet HTML 15Page - Renesas Technology Corp ICS841484I Datasheet HTML 16Page - Renesas Technology Corp ICS841484I Datasheet HTML 17Page - Renesas Technology Corp ICS841484I Datasheet HTML 18Page - Renesas Technology Corp ICS841484I Datasheet HTML 19Page - Renesas Technology Corp ICS841484I Datasheet HTML 20Page - Renesas Technology Corp ICS841484I Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ICS841484I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-0.7V DIFFERENTIAL HCSL CLOCK GENERATOR
ICS841484DKI REVISION A NOVEMBER 7, 2012
17
©2012 Integrated Device Technology, Inc.
Recommended Termination
Figure 4A is the recommended source termination for applications
where the driver and receiver will be on a separate PCBs. This
termination is the standard for PCI Express™and HCSL output types.
All traces should be 50
Ω impedance single-ended or 100Ω
differential.
Figure 4A. Recommended Source Termination (where the driver and receiver will be on separate PCBs)
Figure 4B is the recommended termination for applications where a
point-to-point connection can be used. A point-to-point connection
contains both the driver and the receiver on the same PCB. With a
matched termination at the receiver, transmission-line reflections will
be minimized. In addition, a series resistor (Rs) at the driver offers
flexibility and can help dampen unwanted reflections. The optional
resistor can range from 0
Ω to 33Ω. All traces should be 50Ω
impedance single-ended or 100
Ω differential.
Figure 4B. Recommended Termination (where a point-to-point connection can be used)
0-0.2"
PCI Expres s
L1
L1
1-14"
Driver
Rs
0.5" Max
L3
L4
L2
L2
49.9 +/- 5%
22 to 33 +/-5%
Rt
L3
L4
L5
0.5 - 3.5"
L5
Connector
PCI Expres s
Add-in Card
PCI Expres s
0-0.2"
PCI Express
0-0.2"
0-18"
L1
L1
Rs
Driver
0.5" Max
L3
L3
L2
L2
49.9 +/- 5%
0 to 33
0 to 33
Rt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com