| 전자부품 데이터시트 검색엔진 |
|
ICS94241 데이터시트(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS94241 데이터시트(HTML) 6 Page - Renesas Technology Corp |
|
6 / 17 page ![]() 6 ICS94241 0453C—10/26/04 Byte 1: CPU, Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- X # 2 S F d e h c t a L 6 t i B- 1 ) d e v r e s e R ( 5 t i B- 1 ) d e v r e s e R ( 4 t i B- 1 ) d e v r e s e R ( 3 t i B0 41 0 M A R D S 2 t i B- 1 ) d e v r e s e R ( 1 t i B3 41 0 K L C U P C 0 t i B4 41 S C _ K L C U P C Byte 2: PCI, Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 ) d e v r e s e R ( 6 t i B6 1 0 K L C I C P 5 t i B3 11 6 K L C I C P 4 t i B2 11 5 K L C I C P 3 t i B1 11 4 K L C I C P 2 t i B0 11 3 K L C I C P 1 t i B9 1 2 K L C I C P 0 t i B7 1 1 K L C I C P Notes: 1. Inactive means outputs are held LOW and are disabled from switching. 2. Latched Frequency Selects (FS#) will be inverted logic load of the input frequency select pin conditions. T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 ) d e v r e s e R ( 6 t i B- 1 ) d e v r e s e R ( 5 t i B- 1 ) d e v r e s e R ( 4 t i B- 1 ) d e v r e s e R ( 3 t i B- X # 1 S F d e h c t a L 2 t i B- X # 4 S F d e h c t a L 1 t i B- X # 3 S F d e h c t a L 0 t i B- 1 ) d e v r e s e R ( Byte 4: Reserved , Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 ) d e v r e s e R ( 6 t i B- 1 ) d e v r e s e R ( 5 t i B- 1 ) d e v r e s e R ( 4 t i B- 1 ) d e v r e s e R ( 3 t i B- 1 ) d e v r e s e R ( 2 t i B- 1 ) d e v r e s e R ( 1 t i B6 41 1 F E R 0 t i B7 41 0 F E R Byte 5: Peripheral , Active/Inactive Register (1= enable, 0 = disable) Byte 3: SDRAM, Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 0 ) e t o N ( d e v r e s e R 6 t i B- 1 ) e t o N ( d e v r e s e R 5 t i B- X ) e t o N ( d e v r e s e R 4 t i B- X ) e t o N ( d e v r e s e R 3 t i B- X ) e t o N ( d e v r e s e R 2 t i B- X ) e t o N ( d e v r e s e R 1 t i B- X ) e t o N ( d e v r e s e R 0 t i B- X ) e t o N ( d e v r e s e R Byte 6: Peripheral , Active/Inactive Register (1= enable, 0 = disable) Note: This is an unused register writing to this register will not affect device performance or functinality. T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 ) d e v r e s e R ( 6 t i B- X # 0 S F d e h c t a L 5 t i B6 21 z H M 8 4 4 t i B5 21 z H M 4 2 3 t i B- 1 ) d e v r e s e R ( 2 t i B , 8 1 , 7 1 1 2 , 0 2 1) 9 : 2 1 ( M A R D S 1 t i B , 9 2 , 8 2 2 3 , 1 3 1) 5 : 8 ( M A R D S 0 t i B , 5 3 , 4 3 8 3 , 7 3 1) 1 : 4 ( M A R D S |