전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S72WS256PD0 데이터시트(PDF) 8 Page - SPANSION

부품명 S72WS256PD0
상세설명  based MCP/PoP Products
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S72WS256PD0 데이터시트(HTML) 8 Page - SPANSION

Back Button S72WS256PD0 Datasheet HTML 4Page - SPANSION S72WS256PD0 Datasheet HTML 5Page - SPANSION S72WS256PD0 Datasheet HTML 6Page - SPANSION S72WS256PD0 Datasheet HTML 7Page - SPANSION S72WS256PD0 Datasheet HTML 8Page - SPANSION S72WS256PD0 Datasheet HTML 9Page - SPANSION S72WS256PD0 Datasheet HTML 10Page - SPANSION S72WS256PD0 Datasheet HTML 11Page - SPANSION S72WS256PD0 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
6
S72WS-P based MCP/PoP Products
S72WS-P_00_A4 May 29, 2006
Da ta
Sh eet
( A dv an ce
In f o r m at io n)
3.2
512Mb NOR Flash with 512-Mb (OR)NAND on Bus 1 and 512-Mb DRAM on
Bus 2
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
B1
B2
B3
B4
B5
B6
B7
B8
B10
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
E1
E2
E3
E4
E5
E6
E7
E8
E9
E10
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
G1
G2
G3
G4
G6
G7
G8
G9
G10
H1
H2
H3
H4
H7
H8
H9
H10
J1
J2
J3
J4
J5
J6
J7
J8
J9
J10
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
L1
L2
L3
L4
L5
L6
L7
L8
L9
L10
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
N1
N2
N3
N4
N5
N6
N7
N8
N9
N10
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
D-CKE
D-CLK
RFU
D-VSS
D-VCC
D-A12
D-A11
D-VSS
D-CE#
D-RAS# D-WE#
D-A9
D-A8
D-VSSQ D-VCCQ
D-A7
D-A6
RFU
D-CAS#
D-A10
F-AVD#
VSS
F-CLK
RFU
F-VCC
N-PRE
N-ALE
N-CLE
RFU
D-A0
F-WP#
A7
D-DM0
F-ACC
F-WE#
A8
A11
N-CE#
D-A5
D-VCCQ
A3
A6
D-DM1
F-RST#
DNU
A19
A12
A15
D-VCCQ
D-VSSQ
A2
A5
A18
F-RDY
A20
A9
A13
A21
D-VSSQ
D-DQ15
A22
A14
A10
A23
A17
A4
A1
D-DQ0
D-DQ1
A0
VSS
DQ1
DQ6
A24
A16
D-DQ14
D-DQ13
DNU
DQ15
DQ13
DQ4
DQ3
DQ9
F-OE#
F1-CE#
D-DQ2
D-DQ3
DNU
DQ0
DQ10
F-VCC
N-VCC
DQ12
DQ7
VSS
D-DQ12
D-DQ11
N-WP#
DQ14
DQ5
RFU
DQ11
DQ2
DQ8
N-VCC
D-DQ4
D-DQ5
RFU
RFU
VSS
F-VCC
RFU
DNU
F-VCCQ
DNU
D-DQ10
N-RE#
D-BA1
D-DQ9
D-DQ8
D-VCCQ
D-VSSQ
D-DQ7
D-DQ6
D-BA0
N-WE#
D-DQS0
D-VSS
D-A1
D-A2
D-VSS
D-VCC
D-A3
D-A4 N-RY/BY#
Legend
Do Not Use
NOR Flash Only
ORNAND Flash Only
Reserved for
Future Use
DRAM Only
All Flash
Shared
D-CLK#
D-DQS1
B9
P9
137-ball Fine-Pitch Ball Grid Array
(Top View, Balls Facing Down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17