| 전자부품 데이터시트 검색엔진 |
|
ICS950508 데이터시트(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS950508 데이터시트(HTML) 5 Page - Renesas Technology Corp |
|
5 / 20 page ![]() 5 Integrated Circuit Systems, Inc. ICS950508 0470E—04/06/05 Byte 1: Output Control Register (1 = enable, 0 = disable) Byte 3: Output Control Register (1 = enable, 0 = disable) Byte 2: Output Control Register (1 = enable, 0 = disable) Byte 4: Output Control Register (1 = enable, 0 = disable) t i B# n i PD W Pn o i t p i r c s e D 7 t i B- X # 3 S F k c a b d a e R 6 t i B- X # 0 S F k c a b d a e R 5 t i B- X # 2 S F k c a b d a e R 4 t i B5 31 z H M 4 2 3 t i B- 1 ) d e v r e s e R ( 2 t i B4 31 z H M 8 4 1 t i B- 1 ) d e v r e s e R ( 0 t i B8 31 F _ M A R D S t i B# n i PD W Pn o i t p i r c s e D 7 t i B9 31 7 M A R D S 6 t i B0 41 6 M A R D S 5 t i B2 41 5 M A R D S 4 t i B3 41 4 M A R D S 3 t i B4 41 3 M A R D S 2 t i B6 41 2 M A R D S 1 t i B7 41 1 M A R D S 0 t i B8 41 0 M A R D S t i B# n i PD W Pn o i t p i r c s e D 7 t i B0 21 7 K L C I C P 6 t i B9 11 6 K L C I C P 5 t i B7 11 5 K L C I C P 4 t i B6 11 4 K L C I C P 3 t i B5 11 3 K L C I C P 2 t i B3 11 2 K L C I C P 1 t i B2 11 1 K L C I C P 0 t i B1 11 0 K L C I C P t i B# n i PD W Pn o i t p i r c s e D 7 t i B8 1 2 _ 6 6 V 3 6 t i B6 1 0 _ 6 6 V 3 5 t i B7 1 1 _ 6 6 V 3 4 t i B- X # 4 S F k c a b d a e R 3 t i B4 51 C I P A O I 2 t i B- X # 1 S F k c a b d a e R 1 t i B1 51 1 K L C U P C 0 t i B2 51 0 K L C U P C |