전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71WS128JC0BAWTY3 데이터시트(PDF) 37 Page - SPANSION

부품명 S71WS128JC0BAWTY3
상세설명  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS128JC0BAWTY3 데이터시트(HTML) 37 Page - SPANSION

Back Button S71WS128JC0BAWTY3 Datasheet HTML 33Page - SPANSION S71WS128JC0BAWTY3 Datasheet HTML 34Page - SPANSION S71WS128JC0BAWTY3 Datasheet HTML 35Page - SPANSION S71WS128JC0BAWTY3 Datasheet HTML 36Page - SPANSION S71WS128JC0BAWTY3 Datasheet HTML 37Page - SPANSION S71WS128JC0BAWTY3 Datasheet HTML 38Page - SPANSION S71WS128JC0BAWTY3 Datasheet HTML 39Page - SPANSION S71WS128JC0BAWTY3 Datasheet HTML 40Page - SPANSION S71WS128JC0BAWTY3 Datasheet HTML 41Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 186 page
background image
August 19, 2005 S71WS-J_04_A2
S71WS-J Based MCPs
35
Pr elim inary
3HUVLVWHQW 3URWHFWLRQ %LW 33%
$ VLQJOH 3HUVLVWHQW QRQYRODWLOH 3URWHFWLRQ %LW LV DVVLJQHG WR D PD[LPXP RI IRXU
VHFWRUV ³6:6-B0&3 %RRW 6HFWRU6HFWRU %ORFN $GGUHVVHV IRU 3URWHF
WLRQ8QSURWHFWLRQ´ VHFWLRQ RQ SDJH  ³6:6- %RRW 6HFWRU6HFWRU %ORFN
$GGUHVVHV IRU 3URWHFWLRQ8QSURWHFWLRQ´ VHFWLRQ RQ SDJH   $OO  .E\WH ERRW
EORFN VHFWRUV KDYH LQGLYLGXDO VHFWRU 3HUVLVWHQW 3URWHFWLRQ %LWV 33%V IRU JUHDWHU
IOH[LELOLW\ (DFK 33% LV LQGLYLGXDOO\ PRGLILDEOH WKURXJK WKH 33% 3URJUDP
&RPPDQG
1RWH ,I D 33% UHTXLUHV HUDVXUH DOO RI WKH VHFWRU 33%V PXVW ILUVW EH SUHSUR
JUDPPHG SULRU WR 33% HUDVLQJ $OO 33%V HUDVH LQ SDUDOOHO XQOLNH SURJUDPPLQJ
ZKHUH LQGLYLGXDO 33%V DUH SURJUDPPDEOH ,W LV WKH UHVSRQVLELOLW\ RI WKH XVHU WR
SHUIRUP WKH SUHSURJUDPPLQJ RSHUDWLRQ 2WKHUZLVH DQ DOUHDG\ HUDVHG VHFWRU
33%V KDV WKH SRWHQWLDO RI EHLQJ RYHUHUDVHG 7KHUH LV QR KDUGZDUH PHFKDQLVP WR
SUHYHQW VHFWRU 33%V RYHUHUDVXUH
3HUVLVWHQW 3URWHFWLRQ %LW /RFN 33%/RFN
$ JOREDO YRODWLOH ELW :KHQ VHW WR ³´ WKH 33%V FDQQRW EH FKDQJHG :KHQ FOHDUHG
³´  WKH 33%V DUH FKDQJHDEOH 7KHUH LV RQO\ RQH 33% /RFN ELW SHU GHYLFH 7KH
33%/RFNLV FOHDUHG DIWHU SRZHUXSRUKDUGZDUHUHVHW7KHUHLVQR FRPPDQG VH
TXHQFH WRXQORFNWKH33%/RFN
'\QDPLF3URWHFWLRQ%LW '<%
$ YRODWLOH SURWHFWLRQ ELW LV DVVLJQHG IRU HDFK VHFWRU $IWHU SRZHUXS RU KDUGZDUH
UHVHW WKH FRQWHQWV RI DOO '<%V LV ³´ (DFK '<% LV LQGLYLGXDOO\ PRGLILDEOH WKURXJK
WKH'3%:ULWH&RPPDQG
:KHQ WKH SDUWV DUH ILUVW VKLSSHG WKH 33%V DUH FOHDUHG ³´  7KH '3%V DQG 33%
/RFN DUH GHIDXOWHG WR SRZHU XS LQ WKH FOHDUHG VWDWH ± PHDQLQJ WKH 33%V DUH
FKDQJHDEOH
:KHQ WKH GHYLFH LV ILUVW SRZHUHG RQ WKH '<%V SRZHU XS LQ WKH FOHDUHG VWDWH
VHFWRUV QRW SURWHFWHG  7KH 3URWHFWLRQ 6WDWH IRU HDFK VHFWRU LV GHWHUPLQHG E\
WKH ORJLFDO 25 RI WKH 33% DQG WKH '3% UHODWHGWR WKDWVHFWRU)RU WKHVHFWRUV WKDW
KDYH WKH 33%V FOHDUHG WKH '3%V FRQWURO ZKHWKHU RU QRW WKH VHFWRU LV SURWHFWHG
RU XQSURWHFWHG%\ LVVXLQJ WKH '3% :ULWH FRPPDQG VHTXHQFHVWKH'3%V ZLOO EH
VHW RU FOHDUHG WKXV SODFLQJ HDFK VHFWRU LQ WKH SURWHFWHG RU XQSURWHFWHG VWDWH
7KHVH DUH WKH VRFDOOHG '\QDPLF /RFNHG RU 8QORFNHG VWDWHV 7KH\ DUH FDOOHG
G\QDPLF VWDWHV EHFDXVH LW LV YHU\ HDV\ WR VZLWFK EDFN DQG IRUWK EHWZHHQ WKH
SURWHFWHG DQG XQSURWHFWHG FRQGLWLRQV 7KLV DOORZV VRIWZDUH WR HDVLO\ SURWHFW VHF
WRUV DJDLQVW LQDGYHUWHQW FKDQJHV \HW GRHV QRW SUHYHQW WKH HDV\ UHPRYDO RI
SURWHFWLRQ ZKHQ FKDQJHV DUH QHHGHG 7KH '3%V PD\EH VHW RU FOHDUHG DV RIWHQ
DV QHHGHG
7KH 33%VDOORZIRU D PRUH VWDWLF DQG GLIILFXOWWR FKDQJH OHYHORISURWHFWLRQ 7KH
33%V UHWDLQ WKHLU VWDWH DFURVV SRZHU F\FOHV EHFDXVH WKH\ DUH 1RQ9RODWLOH ,QGL
YLGXDO 33%V DUH VHW ZLWK D FRPPDQG EXW PXVW DOO EH FOHDUHG DV D JURXS WKURXJK
D FRPSOH[ VHTXHQFH RI SURJUDP DQG HUDVLQJ FRPPDQGV 7KH 33%V DUH DOVR OLP
LWHG WR  HUDVH F\FOHV
7KH 3%% /RFN ELW DGGV DQ DGGLWLRQDO OHYHO RI SURWHFWLRQ 2QFH DOO 33%V DUH SUR
JUDPPHG WR WKH GHVLUHG VHWWLQJV WKH 33% /RFN PD\ EH VHW WR ³´ 6HWWLQJ WKH
33%/RFN GLVDEOHV DOO SURJUDP DQG HUDVHFRPPDQGVWRWKH 1RQ9RODWLOH 33%V,Q
HIIHFW WKH 33% /RFN %LW ORFNV WKH 33%V LQWR WKHLU FXUUHQW VWDWH 7KH RQO\ ZD\ WR
FOHDU WKH 33% /RFN LV WR JR WKURXJK D SRZHU F\FOH 6\VWHP ERRW FRGH FDQ GHWHU
PLQH LI DQ\ FKDQJHV WR WKH 33% DUH QHHGHG HJ WR DOORZ QHZ V\VWHP FRGH WR EH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com