| 전자부품 데이터시트 검색엔진 |
|
GL823K 데이터시트(PDF) 7 Page - GENESYS LOGIC |
|
|
|||||||||||||||||||||||||||||
GL823K 데이터시트(HTML) 7 Page - GENESYS LOGIC |
|
7 / 15 page ![]() GL823K Datasheet © 2014 Genesys Logic, Inc. - All rights reserved. Page 7 GLI Confidential CHAPTER 2 FEATURES USB specification compliance - Comply with 480Mbps Universal Serial Bus specification rev. 2.0 - Comply with USB Storage Class specification rev. 1.0 - Support one device address and up to four endpoints: Control (0)/Bulk Read (1)/Bulk Write (2)/Interrupt (3) Integrated USB building blocks - USB2.0 transceiver macro (UTM), Serial Interface Engine (SIE), Build-in power-on reset (POR) and low-voltage detector (LVD) Embedded 8051 micro-controller - Operate @ 60 MHz clock, 12 clocks per instruction cycle - Embedded mask ROM and internal SRAM Secure Digital TM (SD) and MultiMediaCard TM (MMC) - Supports SD specification v1.0 / v1.1 / v2.0 / SDHC (Up to 32GB) - Compatible with SDXC (Up to 2TB) - Supports MMC specification v3.x / v4.0 / v4.1 / v4.2 - Supports 1 / 4 bit data bus Memory Stick PRO / Memory Stick PRO Duo / Memory Stick PRO-HG / MS Micro (M2) - Compliant with Memory Stick Series Specification: MS PRO v1.05, MS PRO-HG Duo 1.03, MS Micro (M2) v1.06 - Support 4bit data bus Support boost mode for SD3.0 for better performance Support non-SD Card Detect pin, non-MS Insertion/Removal pin design to save BOM cost Support non-SD Write Protection pin design to save BOM cost Support LED function to indicate power and access status On chip clock source and no need of 12MHz Crystal Clock input On-Chip 5V to 3.3V and 3.3V to 1.8V regulators On-Chip power MOSFET for supplying flash media card power Support USB disconnection by memory card unplug or manual switch for Mobile cable/ OTG reader/ PC card reader application Available in SSOP16 package (150 mil) |