| 전자부품 데이터시트 검색엔진 |
|
ICS952601 데이터시트(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS952601 데이터시트(HTML) 11 Page - Renesas Technology Corp |
|
11 / 26 page ![]() IDTTM Progammable Timing Control HubTM for Next Gen P4TM Processor 701J—01/25/10 ICS952601 Programmable Timing Control HubTM for Next Gen P4TM Processor 11 I 2C Table: Read-Back Register Pin # Name Control Function Type0 1 PWD Bit 7 RESERVED RESERVED - X Bit 6 RESERVED RESERVED - X Bit 5 RESERVED RESERVED - X Bit 4 RESERVED RESERVED - X Bit 3 PCI_STOP# PCI STOP# Read Back RX Bit 2 CPU_STOP# CPU STOP Read Back RX Bit 1 FSB Freq Select 1 Read Back RX Bit 0 FSA Freq Select 0 Read Back RX I 2C Table: Spreading and Device Behavior Control Register Pin # Name Control Function Type0 1 PWD Bit 7 SRC/SRC# SRC Free-Running Control RW FREE-RUN STOPPABLE 0 Bit 6 SRC Output Control RW Disable Enable 1 Bit 5 CPUT2/CPUC2 RW FREE-RUN STOPPABLE 1 Bit 4 CPUT1/CPUC1 RW FREE-RUN STOPPABLE 1 Bit 3 CPUT0/CPUC0 RW FREE-RUN STOPPABLE 1 Bit 2 CPUT2/CPUC2 Output Control RW Disable Enable 1 Bit 1 CPUT1/CPUC1 Output Control RW Disable Enable 1 Bit 0 CPUT0/CPUC0 Output Enable RW Disable Enable 1 I 2C Table: Output Control Register Pin # Name Control Function Type0 1 PWD Bit 7 SRC_PD# Drive Mode 0: Driven in PD# RW Driven Hi-Z 0 Bit 6 SRC_Stop# Drive Mode 0: Driven in PCI_Stop# RW Driven Hi-Z 0 Bit 5 CPUT2_PD# Drive Mode RW Driven Hi-Z 0 Bit 4 CPUT1_PD# Drive Mode RW Driven Hi-Z 0 Bit 3 CPUT0_PD# Drive Mode RW Driven Hi-Z 0 Bit 2 CPUT2_Stop Drive Mode RW Driven Hi-Z 0 Bit 1 CPUT1_Stop Drive Mode RW Driven Hi-Z 0 Bit 0 CPUT0_Stop Drive Mode RW Driven Hi-Z 0 43,44 40,41 46,47 43,44 40,41 46,47 CPU FREE- RUNNING CONTROL 43,44 40,41 46,47 Byte 1 37,38 37,38 46,47 43,44 40,41 Byte 2 37,38 37,38 Byte 0 - - - RESERVED RESERVED - RESERVED - - - RESERVED 0:driven when stopped 1: Tri-stated 0:driven in PD# 1: Tri-stated - READBACK READBACK of CPU(2:0) Frequency READBACK |