전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS952623 데이터시트(PDF) 19 Page - Renesas Technology Corp

부품명 ICS952623
상세설명  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952623 데이터시트(HTML) 19 Page - Renesas Technology Corp

Back Button ICS952623 Datasheet HTML 15Page - Renesas Technology Corp ICS952623 Datasheet HTML 16Page - Renesas Technology Corp ICS952623 Datasheet HTML 17Page - Renesas Technology Corp ICS952623 Datasheet HTML 18Page - Renesas Technology Corp ICS952623 Datasheet HTML 19Page - Renesas Technology Corp ICS952623 Datasheet HTML 20Page - Renesas Technology Corp ICS952623 Datasheet HTML 21Page - Renesas Technology Corp ICS952623 Datasheet HTML 22Page - Renesas Technology Corp ICS952623 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
19
Integrated
Circuit
Systems, Inc.
ICS952623
0758A—02/06/07
The time from the de-assertion of PD# or until power supply ramps to get stable clocks will be less than 1.8ms. If the drive
mode control bit for PD# tristate is programmed to '1' the stopped differential pair must first be driven high to a minimum of
200mV in less than 300
µs of PD# deassertion.
PWRDWN#
Tstable
<1.8mS
Tdrive_PwrDwn#
<300
µS, >200mV
CPU, 133MHz
CPU#, 133MHz
SRC, 100MHz
SRC# 100MHz
3V66, 66MHz
USB, 48MHz
PCI, 33MHz
REF, 14.31818
PD# De-assertion
The 3V66_4/VCH pin can be configured to be a 66.66MHz modulated output or a non-spread 48MHz output. The default is
3V66 clock. The switching is controlled by Byte 5 Bit 5. If it is set to '1' this pin will output the 48MHz VCH clock. The output
will go low on the falling edge of 3V66 for a minimum of 7.49ns. Then the output will transition to 48MHz on the next rising
edge of DOT_48 clock.
3V66
3V66_4/VCH
DOT_48
7.49nS min
3V66_4/VCH Pin Functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com