| 전자부품 데이터시트 검색엔진 |
|
723634L15PFG 데이터시트(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
723634L15PFG 데이터시트(HTML) 30 Page - Renesas Technology Corp |
|
30 / 35 page ![]() 30 COMMERCIALTEMPERATURERANGE IDT723624/723634/723644 CMOS SyncBiFIFO™ WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2 Figure 22. FFB Flag Timing and First Available Write when FIFO2 is Full (IDT Standard Mode) NOTES: 1. tSKEW1 is the minimum time between a rising CLKA edge and a rising CLKB edge for FFB to transition HIGH in the next CLKB cycle. If the time between the rising CLKA edge and rising CLKB edge is less than tSKEW1, then FFB may transition HIGH one CLKB cycle later than shown. 2. If Port B size is word or byte, FFB is set LOW by the last word or byte write of the long word, respectively. tCLKH CSA EFA MBA ENA A0-A35 CLKA FFB CLKB CSB 3270 drw24 W/RB 12 B0-B35 MBB ENB tCLK tCLKH tCLKL tENS2 tENH tA tSKEW1 tCLK tCLKL tENS2 tENS2 tDS tENH tENH tDH To FIFO2 Previous Word in FIFO2 Output Register Next Word From FIFO2 LOW W/ RA LOW LOW HIGH LOW LOW (1) FIFO2 Full tWFF tWFF Write |