전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJNEC 데이터시트(PDF) 9 Page - Vishay Siliconix

부품명 MJNEC
상세설명  Standard Thick Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MJNEC 데이터시트(HTML) 9 Page - Vishay Siliconix

Back Button MJNEC Datasheet HTML 2Page - Vishay Siliconix MJNEC Datasheet HTML 3Page - Vishay Siliconix MJNEC Datasheet HTML 4Page - Vishay Siliconix MJNEC Datasheet HTML 5Page - Vishay Siliconix MJNEC Datasheet HTML 6Page - Vishay Siliconix MJNEC Datasheet HTML 7Page - Vishay Siliconix MJNEC Datasheet HTML 8Page - Vishay Siliconix MJNEC Datasheet HTML 9Page - Vishay Siliconix MJNEC Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
D/CRCW e3
www.vishay.com
Vishay
Revision: 05-Aug-2022
9
Document Number: 20035
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
SOLDER PAD DIMENSIONS
Note
• The rated dissipation applies only if the permitted film temperature is not exceeded. Furthermore, a high level of ambient temperature or of
power dissipation may raise the temperature of the solder joint, hence special solder alloys or board materials may be required to maintain
the reliability of the assembly.
The given solder pad dimensions reflect the considerations for board design and assembly as outlined e.g. in standards IEC 61188-5-x or
in publication IPC-7351. They do not guarantee any supposed thermal properties, particularly as these are also strongly influenced by many
other parameters. Still, the given solder pad dimensions will be found adequate for most general applications
DIMENSIONS AND MASS
TYPE / SIZE
L
(mm)
W
(mm)
H
(mm)
T1
(mm)
T2
(mm)
MASS
(mg)
D10/CRCW0402 e3
1.0 ± 0.05
0.5 ± 0.05
0.35 ± 0.05
0.25 ± 0.10
0.2 ± 0.10
0.65
D11/CRCW0603 e3 1.55 + 0.10 / - 0.05
0.85 ± 0.10
0.45 ± 0.05
0.3 ± 0.20
0.3 ± 0.20
2
D12/CRCW0805 e3
2.0 + 0.20 / - 0.10
1.25 ± 0.15
0.45 ± 0.05
0.3 + 0.20 / - 0.10
0.3 ± 0.20
5.5
D25/CRCW1206 e3
3.2 + 0.10 / - 0.20
1.6 ± 0.15
0.55 ± 0.05
0.45 ± 0.20
0.4 ± 0.20
10
CRCW1210 e3
3.2 ± 0.20
2.5 ± 0.20
0.55 ± 0.05
0.45 ± 0.20
0.4 ± 0.20
16
CRCW1218 e3
3.2 + 0.10 / - 0.20
4.6 ± 0.15
0.55 ± 0.05
0.45 ± 0.20
0.4 ± 0.20
29.5
CRCW2010 e3
5.0 ± 0.15
2.5 ± 0.15
0.6 ± 0.10
0.6 ± 0.20
0.6 ± 0.20
25.5
CRCW2512 e3
6.3 ± 0.20
3.15 ± 0.15
0.6 ± 0.10
0.6 ± 0.20
0.6 ± 0.20
40.5
RECOMMENDED SOLDER PAD DIMENSIONS
TYPE / SIZE
WAVE SOLDERING
REFLOW SOLDERING
G
(mm)
Y
(mm)
X
(mm)
Z
(mm)
G
(mm)
Y
(mm)
X
(mm)
Z
(mm)
D10/CRCW0402 e3
-
-
-
-
0.45
0.6
0.6
1.65
D11/CRCW0603 e3
0.65
1.10
1.25
2.85
0.75
0.75
1.00
2.25
D12/CRCW0805 e3
0.90
1.30
1.60
3.50
1.00
0.95
1.45
2.90
D25/CRCW1206 e3
1.40
1.40
1.95
4.20
1.50
1.05
1.80
3.60
CRCW1210 e3
1.80
1.45
2.95
4.70
1.70
1.10
2.80
3.90
CRCW1218 e3
1.80
1.30
5.10
4.40
1.90
1.10
4.90
4.10
CRCW2010 e3
3.40
1.65
2.85
6.70
3.50
1.45
2.80
6.40
CRCW2512 e3
4.60
1.60
3.65
7.80
4.75
1.45
3.50
7.65
T1
W
H
T2
L
G
X
Y
Z



Html Pages

1 2 3 4 5 6 7 8 9 10