| 전자부품 데이터시트 검색엔진 |
|
S71PL254JB0BAWTZ2 데이터시트(PDF) 11 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S71PL254JB0BAWTZ2 데이터시트(HTML) 11 Page - SPANSION |
|
11 / 24 page ![]() March 17, 2006 S71PL-J_00_B3 S71PL-J Based MCPs 9 Advance Information Connection Diagram (S71PL254J) Notes: 1. May be shared depending on density. — A21 is shared for the 64M pSRAM configuration. — A20 is shared for the 32M pSRAM configuration. 2. Connecting all Vcc & Vss balls to Vcc & Vss is recommended. Special Handling Instructions For FBGA Package Special handling is required for Flash Memory products in FBGA packages. Flash memory devices in FBGA packages may be damaged if exposed to ultra- sonic cleaning methods. The package and/or data integrity may be compromised if the package body is exposed to temperatures above 150°C for prolonged peri- ods of time. MCP Flash-only Addresses Shared Addresses S71PL254JC0 A22 A21-A0 E4 UB# F4 A18 G4 A17 H4 DQ1 J4 DQ9 DQ10 D4 E6 CE2s A20 J6 DQ4 VCCs D6 E7 A19 F7 A9 G7 A10 H7 DQ6 J7 DQ13 DQ12 D7 E5 RST#f RY/BY# J5 DQ3 VCCf D5 E8 A12 F8 A13 G8 A14 H8 RFU J8 DQ15 DQ7 D8 E9 F9 A21 G9 A22 H9 A16 J9 RFU VSS E3 A6 F3 A5 G3 A4 H3 VSS J3 OE# DQ0 CE1#s D3 E2 F2 A2 G2 A1 H2 A0 J2 CE#f1 H6 H5 RAM only Shared (Note 1) Flash only Legend Reserved for Future Use A3 D2 A15 D9 A1 NC A10 NC M1 M10 NC NC C4 LB# WE# C7 A8 WP/ACC C8 A11 C9 RFU C3 A7 C2 RFU C6 C5 B4 RFU RFU B7 RFU CE#F2 B8 RFU B9 RFU B3 RFU B2 RFU B6 B5 L4 RFU RFU L7 RFU VCCf L8 RFU L9 RFU L3 RFU L2 RFU L6 L5 K4 DQ2 RFU K7 DQ5 DQ11 K8 DQ14 K9 RFU K3 DQ8 K2 RFU K6 K5 RFU RFU H6 H5 RFU RFU H6 H5 2nd Flash Only 84-ball Fine-Pitch Ball Grid Array (Top View, Balls Facing Down) |