전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C0125 데이터시트(PDF) 9 Page - Norgren Ltd

부품명 C0125
상세설명  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NORGREN [Norgren Ltd]
홈페이지  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C0125 데이터시트(HTML) 9 Page - Norgren Ltd

Back Button C0125 Datasheet HTML 5Page - Norgren Ltd C0125 Datasheet HTML 6Page - Norgren Ltd C0125 Datasheet HTML 7Page - Norgren Ltd C0125 Datasheet HTML 8Page - Norgren Ltd C0125 Datasheet HTML 9Page - Norgren Ltd C0125 Datasheet HTML 10Page - Norgren Ltd C0125 Datasheet HTML 11Page - Norgren Ltd C0125 Datasheet HTML 12Page - Norgren Ltd C0125 Datasheet HTML 13Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
Pneufit® C series
PUSH-IN fittings, metric
en 9.1.020.09
4/15
Dimensions in mm
Projection/First angle
Stem union (unequal)
C0022
Ø A
Ø A1
C
F
Model
4
6
38
18
C00220604
6
8
41,5
20,5
C00220806
8
10
43,5
21,5
C00221008
10
12
46,5
22,5
C00221210
12
16
52
25
C00221612
Plug
C0004
Ø A
Ø A1
C
F
Model
4
4
30
17,5
C00040400
6
6
34
18,5
C00040600
8
8
38
21
C00040800
10
10
42
24
C00041000
12
12
46
29,5
C00041200
16
16
50
30
C00041600
90° Swivel elbow adaptor
C0247
Ø A
B
C
E
G
Model
4
M5
22
18,5
4,5
10
C02470405
4
M6
22
18,5
4,5
10
C02470406
4
G1/8
22,5
18,5
6
14
C02470418
4
G1/4
24,5
18,5
8
17
C02470428
4
G3/8
24,5
18,5
8
20
C02470438
6
M5
24
20,5
4,5
12
C02470605
6
M6
24
20,5
4,5
12
C02470606
6
G1/8
24,5
20,5
6
14
C02470618
6
G1/4
26,5
20,5
8
17
C02470628
6
G3/8
26,5
20,5
9
20
C02470638
8
G1/8
26
23
8
14
C02470818
8
G1/4
28
23
8
17
C02470828
8
G3/8
28
23
9
20
C02470838
8
G1/2
29
23
10
24
C02470848
10
G1/8
26,5
23,5
6
17
C02471018
10
G1/4
28,5
23,5
8
17
C02471028
10
G3/8
28,5
23,5
9
20
C02471038
10
G1/2
29,5
23,5
10
24
C02471048
12
G1/4
32,5
27,5
8
19
C02471228
12
G3/8
32,5
27,5
9
20
C02471238
12
G1/2
32,5
27,5
10
24
C02471248
16
G3/8
41
32,5
9
24
C02471638
16
G1/2
42
32,5
10
24
C02471648
Union elbow
C0040
Ø A
Ø D
E
H
O
Model
4
3,3
19
8,5
10,5
C00400400
6
3,3
21
7,5
12,5
C00400600
8
4,3
22,5
9
14,5
C00400800
10
4,3
26
12
18
C00401000
12
4,3
30
13,5
21
C00401200
16
4,3
34
16
25,5
C00401600
C
F
C
F
Cap (female plug)
C0012
Ø A
Ø A1
C
Model
4
10,5
18
C00120400
6
12,5
19
C00120600
8
14,5
21
C00120800
10
17,5
23
C00121000
12
19,5
25
C00121200
16
24
25
C00121600
C
E
O
90° Swivel elbow adaptor
C0147
Ø A
B
C
E
G
Model
4
R1/8
24,5
18,5
8
10
C01470418
4
R1/4
26,5
18,5
10
14
C01470428
4
R3/8
27,5
18,5
11
17
C01470438
6
R1/8
26,5
20,5
8
12
C01470618
6
R1/4
29,5
20,5
10
14
C01470628
6
R3/8
30,5
20,5
11
17
C01470638
6
R1/2
33,5
20,5
14
21
C01470648
8
R1/8
28
23
8
14
C01470818
8
R1/4
31
23
10
14
C01470828
8
R3/8
32
23
11
17
C01470838
8
R1/2
35
23
14
21
C01470848
10
R1/8
28,5
23,5
8
17
C01471018
10
R1/4
31,5
23,5
10
17
C01471028
10
R3/8
32,5
23,5
11
17
C01471038
10
R1/2
35,5
23,5
14
21
C01471048
12
R1/8
32,5
27,5
8
19
C01471218
12
R1/4
34,5
27,5
10
19
C01471228
12
R3/8
35,5
27,5
11
19
C01471238
12
R1/2
38,5
27,5
14
21
C01471248
16
R3/8
43
32,5
11
24
C01471638
16
R1/2
46
32,5
14
24
C01471648
E
B
E
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27