전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA1L3M 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 BA1L3M
상세설명  CMPOUND TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BA1L3M 데이터시트(HTML) 3 Page - Renesas Technology Corp

  BA1L3M Datasheet HTML 1Page - Renesas Technology Corp BA1L3M Datasheet HTML 2Page - Renesas Technology Corp BA1L3M Datasheet HTML 3Page - Renesas Technology Corp BA1L3M Datasheet HTML 4Page - Renesas Technology Corp BA1L3M Datasheet HTML 5Page - Renesas Technology Corp BA1L3M Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1998
©
Document No. D16175EJ1V0DS00 (1st edition)
Date Published April 2002 N CP(K)
Printed in Japan
COMPOUND TRANSISTOR
%$/0
RQFKLSUHVLVWRU131VLOLFRQHSLWD[LDOWUDQVLVWRU
)RUPLGVSHHGVZLWFKLQJ
'$7$ 6+((7
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
•
On-chip bias resistor
(R = 4.7 k
Ω, R = 4.7 kΩ)
•
Complementary transistor with BN1L3M
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
60
V
Collector to emitter voltage
VCEO
50
V
Emitter to base voltage
VEBO
10
V
Collector current (DC)
IC(DC)
100
mA
Collector current (Pulse)
IC(pulse) *
200
mA
Total power dissipation
PT
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50 %
PACKAGE DRAWING (UNIT: mm)
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 50 V, IE = 0
100
nA
DC current gain
hFE1 **
VCE = 5.0 V, IC = 5.0 mA
20
40
80
−
DC current gain
hFE2 **
VCE = 5.0 V, IC = 50 mA
70
140
−
Collector saturation voltage
VCE(sat) **
IC = 5.0 mA, IB = 0.25 mA
0.08
0.3
V
Low level input voltage
VIL **
VCE = 5.0 V, IC = 100
µA
1.1
0.2
V
High level input voltage
VIH **
VCE = 0.2 V, IC = 5.0 mA
3.0
1.5
V
Input resistance
R1
3.29
4.7
6.11
k
Ω
Resistance ratio
R1/R2
0.9
1.0
1.1
−
Turn-on time
ton
0.5
µs
Storage time
tstg
3.0
µs
Turn-off time
toff
VCC = 5 V, RL = 1 k
Ω
VI = 5 V, PW = 2
µs
duty cycle
≤2 %
5.0
µs
** PW
≤ 350
µs, duty cycle ≤ 2 %



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com