전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GDEW0154M09 데이터시트(PDF) 33 Page - List of Unclassifed Manufacturers

부품명 GDEW0154M09
상세설명  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 데이터시트(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 29Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 30Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 31Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 32Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 33Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 34Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 35Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 36Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
W
L
This command only actives after hardware reset.
The BUSY flag would change state from 0 to 1 while the command is completed
The DEBUG[6] pin is HW pin control(only auto run)
(15) Pattern Selection in BIST (BIST_PS) (R19H)
Action
R/W D/CX D7
D6
D5
D4
D3
D2
D1
D0
BIST_PS
W
0
0
0
0
1
1
0
0
1
W
1
-
-
-
-
-
BSIT_PS[2:0]
W
1
W [7:3]
-
W
1
L[7:0]
W
1
X1[7:3]
0
0
0
W
1
Y1[7:0]
W
1
X2[7:3]
1
1
1
W
1
Y2[7:0]
The command can decide which BIST pattern you would like to show.
(X1, Y1)
(X2, Y2)
GDEW0154M09
www.e-paper-display.com
33/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com