| 전자부품 데이터시트 검색엔진 |
|
TC-08 데이터시트(PDF) 8 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
TC-08 데이터시트(HTML) 8 Page - Pico Technology Ltd. |
|
8 / 11 page ![]() USB TC-08 thermocouple data logger Specifications Hardware Number of channels (single unit) 8 Maximum number of channels (using up to 20 units) 160 Conversion time 100 ms per thermocouple channel + 100 ms for CJC (this can be disabled if all channels are used as voltage inputs) Temperature accuracy Sum of ±0.2% of reading and ±0.5 °C Voltage accuracy Sum of ±0.2% of reading and ±10 µV Overvoltage protection ±30 V Maximum common-mode voltage ±7.5 V Input impedance 2 MΩ Input range (voltage) ±70 mV Resolution 20 bits Noise-free resolution 16.25 bits Thermocouple types supported B, E, J, K, N, R, S, T Input connectors Miniature thermocouple General Connectivity USB 2.0 Device connector type USB 2.0, Type B Power requirements USB port Dimensions 201 x 104 x 34 mm (7.91 x 4.09 x 1.34 in) Temperature range, operating 0 °C to 50 °C Temperature range, operating, for quoted accuracy 20 °C to 30 °C Temperature range, storage −20 °C to 60 °C Humidity range, operating 5 to 80 % RH non-condensing Humidity range, storage 5 to 95 % RH non-condensing Altitude Up to 2000 m Pollution degree Pollution degree 2 Water resistance Not water-resistant Safety approvals Designed to 2014/35/EU: Low Voltage Directive EMC approvals Tested to 2014/30/EU: Electromagnetic Compatibility Directive Environmental approvals RoHS and WEEE compliant Software PicoLog Cloud, PicoSDK (available from www.picotech.com/downloads) Example code (available from Pico’s GitHub organization page, github.com/picotech) |