| 전자부품 데이터시트 검색엔진 |
|
SE050 데이터시트(PDF) 3 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
SE050 데이터시트(HTML) 3 Page - Pico Technology Ltd. |
|
3 / 11 page ![]() USB TC-08 thermocouple data logger PicoLog Cloud software – straightforward from the start PicoLog Cloud is a complete data acquisition software package for the TC-08 data logger, and is fully compatible with Windows, macOS, Linux and Raspberry Pi OS. With its clear and user-friendly layout, ideal for use with a mouse or a touchscreen, PicoLog 6 allows you to set up the logger and start recording with just a few clicks of the mouse, whatever your level of data logging experience. Set up simple or advanced acquisitions quickly, and record, view and analyze your data with ease. Pullout information panel Manage your channel and axis settings, alarms, notes and capture information in this easy-to-read layout. Close the panel to make more room for the capture graph, and reopen it at any time. Multiple devices Log data on up to 20 data loggers or oscilloscopes at the same time. Here, three separate data loggers are in use: two TC-08s and one ADC-24 voltage input logger. Pan and zoom controls Zoom in, zoom out, zoom to a selection or pan through the data with these tools. If you make a mistake, just click Undo. Cursors and annotations Use cursors to highlight the data value and time at any point on the graph, or click Add annotation to mark that point with a text note. Data view Display all the data collected so far or keep the graph scale the same and pan along as new samples appear. Give instant feedback We want to hear from you! Click here to contact Pico with your comments. Device settings view Easily set up and adjust acquisition and math channels on one or more data loggers and check their status at a glance. Cloud captures Displays a list and preview of all cloud captures associated with your PicoLog Cloud account. Graph view Display your data in real time, as it is collected, on up to four independent Y axes simultaneously: set them up by dragging and dropping the entries in the Channels & Axes panel on the right. Save and Export options Copy your graph to the clipboard, save it as a PDF, export the raw data to a CSV file, or save the data and configuration as a robust .picolog database file. Capture control Record, Pause or Reset. Notes & annotations Add notes about the dataset as a whole or annotations about particular points on the graph. Alarms Set up alarms to alert you to a range of events. Alarms can take the form of sounds, visual notifications, graph annotations and more. |