| 전자부품 데이터시트 검색엔진 |
|
GA4F4Z 데이터시트(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
GA4F4Z 데이터시트(HTML) 5 Page - Renesas Technology Corp |
|
5 / 24 page ![]() Data Sheet D16494EJ3V0DS 3 GA4xxx Note 3. PART NUMBER R1 R2 UNIT MIN. TYP. MAX. MIN. TYP. MAX. GA4A4M 7.00 10.00 13.00 7.00 10.00 13.00 k Ω GA4F4M 15.40 22.00 28.60 15.40 22.00 28.60 k Ω GA4L4M 32.90 47.00 61.10 32.90 47.00 61.10 k Ω GA4L3M 3.29 4.70 6.11 3.29 4.70 6.11 k Ω GA4L3N 3.29 4.70 6.11 7.00 10.00 13.00 k Ω GA4L3Z 3.29 4.70 6.11 k Ω GA4A3Q 0.70 1.00 1.30 7.00 10.00 13.00 k Ω GA4A4P 7.00 10.00 13.00 32.90 47.00 61.10 k Ω GA4F4N 15.40 22.00 28.60 32.90 47.00 61.10 k Ω GA4L4L 32.90 47.00 61.10 15.40 22.00 28.60 k Ω GA4A4Z 7.00 10.00 13.00 k Ω GA4F4Z 15.40 22.00 28.60 k Ω GA4L4Z 32.90 47.00 61.10 k Ω GA4F3M 1.54 2.20 2.86 1.54 2.20 2.86 k Ω GA4F3P 1.54 2.20 2.86 7.00 10.00 13.00 k Ω GA4F3R 1.54 2.20 2.86 32.90 47.00 61.10 k Ω GA4A4L 7.00 10.00 13.00 3.29 4.70 6.11 k Ω GA4L4K 32.90 47.00 61.10 7.00 10.00 13.00 k Ω TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE 0 50 100 150 200 250 0 50 100 150 200 TA - Ambient Temperature - °C |