| 전자부품 데이터시트 검색엔진 |
|
RTBV 데이터시트(PDF) 3 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
RTBV 데이터시트(HTML) 3 Page - ITT Industries |
|
3 / 6 page ![]() L–34 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com L C&K RTBV Series 1-2 Pole Coded Rotary Switches NUMBER OF SWITCH FUNCTIONS NUMBER OF POLES / POSITIONS L SINGLE POLE FUNCTION 2 2 FUNCTIONS 1 1 FUNCTION 116 22.5 INDEX, SP, 16 POSITIONS 112 30 INDEX, SP, 12 POSITIONS 206 30 INDEX, DP, 6 POSITIONS B BINARY CODE, 15 /22.5 /30 /36 C COMPLEMENT, 15 /22.5 /30 /36 BC DIRECT + COMPLEMENT, 15 /22.5 /30 /36 NOTE: Several functions can be combined. For more information consult us. |