전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HFA90NH40 데이터시트(PDF) 2 Page - International Rectifier

부품명 HFA90NH40
상세설명  Ultrafast, Soft Recovery Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

HFA90NH40 데이터시트(HTML) 2 Page - International Rectifier

  HFA90NH40 Datasheet HTML 1Page - International Rectifier HFA90NH40 Datasheet HTML 2Page - International Rectifier HFA90NH40 Datasheet HTML 3Page - International Rectifier HFA90NH40 Datasheet HTML 4Page - International Rectifier HFA90NH40 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HFA90NH40
PD-2.468 rev. B 02/99
2
30.40 (1.197)
29.90 (1.177)
18.42 (0.725)
19.69 (0.775)
12.83 (0.505)
12.57 (0.495)
DIA.
4.11 (0.162)
3.86 (0.152)
19.18 (0.755)
18.92 (0.745)
SQ.
13.59 (0.535)
14.10 (0.555)
15.75 (0.620)
14.99 (0.590)
3.05 (0.120)
3.30 (0.130)
38.61 (1.520)
39.62 (1.560)
DIA.
3.86 (0.152)
4.11 (0.162)
1/4-20 UNC-2B
Dimensions in millimeters and inche
1
2
LEAD ASSIGNMENTS
1 - ANODE
2 - CATHODE
H
P
ALF- AK
Parameter
Min. Typ. Max. Units
Test Conditions
VBR
Cathode Anode Breakdown Voltage
400 ––– –––
V
IR = 100µA
VFM
Max Forward Voltage
––– 1.1
1.3
IF = 90A
––– 1.3
1.5
V
IF = 180A
––– 1.0
1.2
IF = 90A, TJ = 125°C
IRM
Max Reverse Leakage Current
––– 1.0
6.0
µA
VR = VR Rated
––– 1.5
8.0
mA
TJ = 125°C, VR = 320V
CT
Junction Capacitance
––– 180 260
pF
VR = 200V
From top of terminal hole to mounting
plane
Electrical Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
Dynamic Recovery Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
A/µs
nC
A
LS
Series Inductance
–––
7.0 –––
nH
Parameter
Min. Typ. Max. Units
Test Conditions
trr
Reverse Recovery Time
–––
36
–––
IF = 1.0A, dif /dt = 200A/µs, VR = 30V
trr1
See Fig. 5
–––
90
140
ns TJ = 25°C
trr2
––– 160 240
TJ = 125°C
IF = 90A
IRRM1
Peak Recovery Current
––– 9.3
17
TJ = 25°C
IRRM2
See Fig. 6
–––
15
30
TJ = 125°C
VR = 200V
Qrr1
Reverse Recovery Charge
––– 420 1100
TJ = 25°C
Qrr2
See Fig. 7
––– 1200 3200
TJ = 125°C
dif /dt = 200A/µs
di(rec)M/dt1 Peak Rate of Fall of Recovery Current
––– 360 –––
TJ = 25°C
di(rec)M/dt2 During tb
See Fig. 8
––– 260 –––
TJ = 125°C
See Fig. 1
See Fig. 2
See Fig. 3



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com