전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

H3YN 데이터시트(PDF) 1 Page - Omron Electronics LLC

부품명 H3YN
상세설명  Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3YN 데이터시트(HTML) 1 Page - Omron Electronics LLC

  H3YN Datasheet HTML 1Page - Omron Electronics LLC H3YN Datasheet HTML 2Page - Omron Electronics LLC H3YN Datasheet HTML 3Page - Omron Electronics LLC H3YN Datasheet HTML 4Page - Omron Electronics LLC H3YN Datasheet HTML 5Page - Omron Electronics LLC H3YN Datasheet HTML 6Page - Omron Electronics LLC H3YN Datasheet HTML 7Page - Omron Electronics LLC H3YN Datasheet HTML 8Page - Omron Electronics LLC H3YN Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Solid-state Timer
H3YN
B-87
Solid-state Timer
H3YN
Miniature Timer with Multiple Time Ranges
and Multiple Operating Modes
• Minimizes stock.
• Pin configuration compatible with MY Power Relay.
• Standard multiple operating modes and multiple time ranges.
• Conforms to EN61812-1 and IEC60664-1 for Low Voltage, and
EMC Directives.
Model Number Structure
I Model Number Legend
1. Output
2:
DPDT
4:
4PDT
2. Time Range
None: Short-time range (0.1 s to 10 min)
1:
Long-time range (0.1 min to 10 hrs)
3. Contact Type
None: Single contact
Z:
Twin contacts
Ordering Information
I List of Models
I Accessories (Order Separately)
Connecting Socket
H3YN-
@@-@
1 2
3
Supply voltage
Time-limit contact
Short-time range model
(0.1 s to 10 min)
Long-time range model
(0.1 min to 10 h)
24, 100 to 120, 200 to 230 VAC;
12, 24, 48, 100 to 110, 125 VDC
DPDT
H3YN-2
H3YN-21
4PDT
H3YN-4
H3YN-41
24 VDC
4PDT (Twin contacts)
H3YN-4-Z
H3YN-41-Z
Note: Specify both the model number and supply voltage when ordering.
Example: H3YN-2 24 VAC
Supply voltage
Timer
Track mounting/Front
Connecting Socket
Back Connecting Socket
Solder terminal
Wire-wrap terminal
PC terminal
H3YN-2/-21
PYF08A, PYF08A-N,
PYF08A-E
PY08
PY08QN(2)
PY08-02
H3YN-4/-41
H3YN-4-Z/-41-Z
PYF14A, PYF14A-N,
PYF14A-E
PY14
PY14QN(2)
PY14-02


유사한 부품 번호 - H3YN

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
H3YN OMRON-H3YN Datasheet
1Mb / 14P
Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
logo
Amphenol Corporation
H3YNC2DI AMPHENOL-H3YNC2DI Datasheet
318Kb / 2P
HELIOS H4 Amphenol solar connector
H3YNC4DI AMPHENOL-H3YNC4DI Datasheet
318Kb / 2P
HELIOS H4 Amphenol solar connector
H3YNC6DI AMPHENOL-H3YNC6DI Datasheet
318Kb / 2P
HELIOS H4 Amphenol solar connector
More results

유사한 설명 - H3YN

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
Y92F-40 OMRON-Y92F-40 Datasheet
1,000Kb / 7P
Solid-state Timer
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
H3Y OMRON-H3Y Datasheet
149Kb / 8P
Solid-state Timer
H3CR OMRON-H3CR Datasheet
2Mb / 61P
Solid-state Timer
H3JA OMRON-H3JA Datasheet
288Kb / 8P
Solid-state Timer
H3BA-N OMRON-H3BA-N Datasheet
1Mb / 22P
Solid-state Timer
H3BA-X OMRON-H3BA-X Datasheet
1Mb / 16P
Solid-state Timer
H3DE-M OMRON-H3DE-M Datasheet
1Mb / 34P
Solid-state Timer
H3CA OMRON-H3CA Datasheet
398Kb / 15P
Solid-State Digital Timer
logo
List of Unclassifed Man...
1071 ETC2-1071 Datasheet
79Kb / 1P
INDUSTRIAL SOLID STATE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com