| 전자부품 데이터시트 검색엔진 |
|
HS4002 데이터시트(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS4002 데이터시트(HTML) 15 Page - Renesas Technology Corp |
|
15 / 27 page ![]() HS400x Datasheet R36DS0022EU0103 Rev.1.03 Jun 6, 2022 Page 15 Figure 18. Alert Pin Function 4.6.2. Alert Pin – Humidity and Temperature Threshold Detection The Alert pin can also be configured to send a signal when a humidity / temperature threshold is exceeded, and the system needs to take action. In this mode, the Alert feature has a programmable threshold, polarity, and hysteresis, and can apply to both temperature and humidity measurements. An example of the functionality of the Alert feature can be seen in Figure 19. Time State of Alert pin at power- up Periodic Measurement Mode Activated Measurementin Progress Figure 19. Alert Pin Functionality Example Trigger Threshold - High Alert Reset Threshold - High Alert Trigger Threshold - Low Alert Reset Threshold - Low Alert |