전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HS4113 데이터시트(PDF) 15 Page - Renesas Technology Corp

부품명 HS4113
상세설명  High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4113 데이터시트(HTML) 15 Page - Renesas Technology Corp

Back Button HS4113 Datasheet HTML 8Page - Renesas Technology Corp HS4113 Datasheet HTML 9Page - Renesas Technology Corp HS4113 Datasheet HTML 10Page - Renesas Technology Corp HS4113 Datasheet HTML 11Page - Renesas Technology Corp HS4113 Datasheet HTML 12Page - Renesas Technology Corp HS4113 Datasheet HTML 13Page - Renesas Technology Corp HS4113 Datasheet HTML 14Page - Renesas Technology Corp HS4113 Datasheet HTML 15Page - Renesas Technology Corp HS4113 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
8-LGA, Package Outline Drawing
2.50 x 2.50 x 0.90 mm Body,0.50mm Pitch, Epad 1.80 x 0.852 mm
LVG8D4, PSC-4861-04, Rev 00, Page 2
© Renesas Electronics Corporation
Package Revision History
Rev No.
Date Created
Description
Sep t 6, 2020
00
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com