전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9992BBCZRL 데이터시트(PDF) 62 Page - Analog Devices

부품명 AD9992BBCZRL
상세설명  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZRL 데이터시트(HTML) 62 Page - Analog Devices

Back Button AD9992BBCZRL Datasheet HTML 58Page - Analog Devices AD9992BBCZRL Datasheet HTML 59Page - Analog Devices AD9992BBCZRL Datasheet HTML 60Page - Analog Devices AD9992BBCZRL Datasheet HTML 61Page - Analog Devices AD9992BBCZRL Datasheet HTML 62Page - Analog Devices AD9992BBCZRL Datasheet HTML 63Page - Analog Devices AD9992BBCZRL Datasheet HTML 64Page - Analog Devices AD9992BBCZRL Datasheet HTML 65Page - Analog Devices AD9992BBCZRL Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
AD9992
Rev. C | Page 62 of 92
ANALOG FRONT END DESCRIPTION AND OPERATION
6dB ~ 42dB
CCDIN
CLI
DIGITAL
FILTER
CLPOB
DC RESTORE
OPTICAL BLACK
CLAMP
12-BIT
ADC
VGA
DAC
CDS
INTERNAL
VREF
2V FULL SCALE
PRECISION
TIMING
GENERATION
SHP
SHD
1.2V
OUTPUT
DATA
LATCH
REFT
REFB
V-H
TIMING
GENERATION
SHP SHD
DOUTPHASE
CLPOB PBLK
0.4V
1.4V
AD9992
0.1µF
VGA GAIN
REGISTER
0.1µF 0.1µF
CLAMP LEVEL
REGISTER
12
PBLK
–3dB, 0dB,
+3dB, +6dB
PBLK
PBLK (WHEN DCBYP = 1)
SHP
S11
S21
BLANK TO
ZERO OR
CLAMP LEVEL
1S1 IS NORMALLY CLOSED; S2 IS NORMALLY OPEN.
CDS GAIN
REGISTER
VD
HD
DOUT
DOUTPHASE
DCLK
DCLK
MODE
FIXED
DELAY
CLI
1
0
DCLKINV
Figure 72. Analog Front-End Functional Block Diagram
The AD9992 signal processing chain is shown in Figure 72.
Each processing step is essential for achieving a high quality
image from the raw CCD pixel data.
DC Restore
To reduce the large dc offset of the CCD output signal, a dc
restore circuit is used with an external 0.1 μF series coupling
capacitor. This restores the dc level of the CCD signal to
approximately 1.2 V, making it compatible with the 1.8 V core
supply voltage of the AD9992. The dc restore switch is active
during the SHP sample pulse time.
The dc restore circuit can be disabled when the optional PBLK
signal is used to isolate large-signal swings from the CCD input
(see the Analog Preblanking section). Bit 6 of AFE Register
Address 0x00 controls whether the dc restore is active during the
PBLK interval.
Analog Preblanking
During certain CCD blanking or substrate clocking intervals,
the CCD input signal to the AD9992 can increase in amplitude
beyond the recommended input range. The PBLK signal can be
used to isolate the CDS input from large-signal swings. While
PBLK is active (low), the CDS input is internally shorted to ground.
Note that, because the CDS input is shorted during PBLK, the
CLPOB pulse should not be used during the same active time as
the PBLK pulse.
Correlated Double Sampler (CDS)
The CDS circuit samples each CCD pixel twice to extract the video
information and to reject low frequency noise. The timing
shown in Figure 19 illustrates how the two internally generated
CDS clocks, SHP and SHD, are used to sample the reference
level and data level of the CCD signal, respectively. The placement
of the SHP and SHD sampling edges is determined by the setting
of the SHPLOC and SHDLOC registers located at Address 0x37.
Placement of these two clock signals is critical for achieving the
best performance from the CCD.
The CDS gain is variable in three steps by using the AFE
Address 0x04: −3 dB, 0 dB (default), and +3 dB. Improved noise
performance results from using the +3 dB setting, but the input
range is reduced (see the Analog Specifications section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com