전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BLW86 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 BLW86
상세설명  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW86 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button BLW86 Datasheet HTML 3Page - NXP Semiconductors BLW86 Datasheet HTML 4Page - NXP Semiconductors BLW86 Datasheet HTML 5Page - NXP Semiconductors BLW86 Datasheet HTML 6Page - NXP Semiconductors BLW86 Datasheet HTML 7Page - NXP Semiconductors BLW86 Datasheet HTML 8Page - NXP Semiconductors BLW86 Datasheet HTML 9Page - NXP Semiconductors BLW86 Datasheet HTML 10Page - NXP Semiconductors BLW86 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
August 1986
7
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW86
The circuit and the components are situated on one side of the epoxy fibre-glass board, the other side being fully
metallized to serve as earth. Earth connections are made by means of hollow rivets, whilst under the emitter leads Cu
straps are used for a direct contact between upper and lower sheets.
To minimize the dielectric losses, the ground plane under the interconnection of L7 and C7 has been removed.
Fig.9 Component layout and printed-circuit board for 175 MHz test circuit.
handbook, full pagewidth
MGP605
1888MJK
1888MJK
C1
C2
R1
C3a
C4
C5
R2
C7
C8
C3b
C6b
C6a
L8
L3
L2
L1
L5
L7
L6
+VCC
rivet
72
150
L4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15