| 전자부품 데이터시트 검색엔진 |
|
ICSSSTUAF32866B 데이터시트(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICSSSTUAF32866B 데이터시트(HTML) 8 Page - Renesas Technology Corp |
|
8 / 31 page ![]() ICSSSTUAF32866B 25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 COMMERCIAL TEMPERATURE GRADE 25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 8 ICSSSTUAF32866B 7096/13 Logic Diagram (1:1) Parity Logic Diagram for 1:1 Register Configuration (Positive Logic); C0 = 0, C1 = 0 RESET CLK CLK D2 - D3, D5 - D6, D8 - D25 VREF CE Parity Check C1 G2 H1 J1 22 A3, T3 G5 0 1 D CLK R D CLK R 1 0 D CLK R D CLK R A2 D2 PPO QERR PAR_IN G1 CLK R 2-Bit Counter D CLK R 0 1 C0 G6 CE LPS1 (Internal Node) 22 D2 - D3, D5 - D6, D8 - D25 LPS0 (Internal Node) 22 D2 - D3, D5 - D6, D8 - D25 22 Q2 - Q3, Q5 - Q6, Q8 - Q25 CE Q Q Q Q Q |