전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICSSSTUAF32868A 데이터시트(PDF) 13 Page - Renesas Technology Corp

부품명 ICSSSTUAF32868A
상세설명  28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 CONFIDENTIAL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUAF32868A 데이터시트(HTML) 13 Page - Renesas Technology Corp

Back Button ICSSSTUAF32868A Datasheet HTML 9Page - Renesas Technology Corp ICSSSTUAF32868A Datasheet HTML 10Page - Renesas Technology Corp ICSSSTUAF32868A Datasheet HTML 11Page - Renesas Technology Corp ICSSSTUAF32868A Datasheet HTML 12Page - Renesas Technology Corp ICSSSTUAF32868A Datasheet HTML 13Page - Renesas Technology Corp ICSSSTUAF32868A Datasheet HTML 14Page - Renesas Technology Corp ICSSSTUAF32868A Datasheet HTML 15Page - Renesas Technology Corp ICSSSTUAF32868A Datasheet HTML 16Page - Renesas Technology Corp ICSSSTUAF32868A Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ICSSSTUAF32868A
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
13
ICSSSTUAF32868A
7094/15
DC Electrical Characteristics Over Operating Range
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = 0°C to +70°C, VDDQ/VDD = 2.5V ± 0.2V.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VOH
Output HIGH Voltage
IOH = -6mA, VDDQ = 1.7V
1.2
V
VOL
Output LOW Voltage
IOL = 6mA, VDDQ = 1.7V
0.5
V
IIL
All Inputs
VI = VDD or GND; VDD = 1.9V
-5
+5
µA
IDD
Static Standby
IO = 0, VDD = 1.9V, RESET = GND
200
µA
Static Operating
IO = 0, VDD = 1.9V, RESET = VDD, VI =
VIH(AC) or VIL(AC), CLK = CLK = VIH(AC)
or VIL(AC)
10
mA
IO = 0, VDD = 1.9V, RESET = VDD, VI =
VIH(AC) or VIL(AC), CLK = VIH(AC), CLK =
VIL(AC)
200
IDDD
Dynamic Operating
(clock only)
IO = 0, VDD = 1.8V, RESET = VDD, VI =
VIH(AC) or VIL(AC), CLK and CLK
switching 50% duty cycle
260
µA/Clock
MHz
Dynamic Operating
(per each data input)
1:2 mode
IO = 0, VDD = 1.8V, RESET = VDD, VI =
VIH(AC) or VIL(AC), CLK and CLK
switching 50% duty cycle. One data
input switching at half clock frequency,
50% duty cycle.
75
µA/Clock
MHz/
Data
CI
Data Inputs
VI = VREF ± 250mV
2
3.5
pF
CLK and CLK
VICR = 0.9V, VIPP = 600mV
2.5
4
RESET
VI = VDD or GND
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com