전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPS-1616 데이터시트(PDF) 21 Page - Renesas Technology Corp

부품명 SPS-1616
상세설명  Secure Packet Switch
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SPS-1616 데이터시트(HTML) 21 Page - Renesas Technology Corp

Back Button SPS-1616 Datasheet HTML 17Page - Renesas Technology Corp SPS-1616 Datasheet HTML 18Page - Renesas Technology Corp SPS-1616 Datasheet HTML 19Page - Renesas Technology Corp SPS-1616 Datasheet HTML 20Page - Renesas Technology Corp SPS-1616 Datasheet HTML 21Page - Renesas Technology Corp SPS-1616 Datasheet HTML 22Page - Renesas Technology Corp SPS-1616 Datasheet HTML 23Page - Renesas Technology Corp SPS-1616 Datasheet HTML 24Page - Renesas Technology Corp SPS-1616 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
12 I2C Bus
SPS-1616 Datasheet
21
April 4, 2016
Integrated Device Technology, Inc.
12 I2C Bus
The SPS-1616 is compliant with the I2C specification [1]. This specification provides the functional information and electrical specifications associated
with the I2C bus, including signaling, addressing, arbitration, AC timing, and DC specifications. The SPS-1616 supports both master mode and slave
mode, which is selected by MM_N pin.
The I2C bus consists of the Serial Data (SDA) and Serial Clock (SCL) pins. It can be used to attach a CPU or a configuration memory. The I2C
Interface supports Fast/Standard (F/S) mode (400/100 kHz).
I2C Master Mode and Slave Mode
The SPS-1616 support both master mode and slave mode. The operating mode is selected by the MM_N static configuration pin. For more
information, see Signaling.
I2C Device Address
The device address for the SPS-1616 is fully pin-defined by 10 external pins while in slave mode. This provides full flexibility in defining the slave
address to avoid conflicting with other I2C devices on a bus. The SPS-1616 can be operated as either a 10-bit addressable device or a 7-bit
addressable device based on another external pin, address select (ADS). If the ADS pin is tied to VDD3, then the SPS-1616 operates as a 10-bit
addressable device and the device address will be defined as ID[9:0]. If the ADS pin is tied to GND, then the SPS-1616 operates as a 7-bit
addressable device with the device address defined by ID[6:0]. The addressing mode must be established at power-up and remain static throughout
operation. Dynamic changes will result in unpredictable behavior.
All of the SPS-1616’s registers are addressable through I2C. These registers are accessed using 22-bit addresses and 32-bit word boundaries
through standard reads and writes. These registers also can be accessed through the S-RIO and JTAG Interfaces.
Table 7 I2C Static Address Selection Pin Configuration
Pin
I2C Address Bit (pin_addr)
ID9
9 (don’t care in 7-bit mode)
ID8
8 (don’t care in 7-bit mode)
ID7
7 (don’t care in 7-bit mode)
ID6
6
ID5
5
ID4
4
ID3
3
ID2
2
ID1
1
ID0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com