전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G86GN 데이터시트(PDF) 13 Page - Nexperia B.V. All rights reserved

부품명 74LVC2G86GN
상세설명  Dual 2-input EXCLUSIVE-OR gate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G86GN 데이터시트(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G86GN Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G86GN Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G86GN Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G86GN Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G86GN Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G86GN Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G86GN Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G86GN Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2G86GN Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Nexperia
74LVC2G86
Dual 2-input EXCLUSIVE-OR gate
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1116
sot1116_po
10-04-02
10-04-07
Unit
mm
max
nom
min
0.35 0.04
1.25
1.20
1.15
1.05
1.00
0.95
0.55 0.3
0.40
0.35
0.32
A(1)
Dimensions
Note
1. Including plating thickness.
2. Visible depending upon used manufacturing technology.
XSON8: extremely thin small outline package; no leads;
8 terminals; body 1.2 x 1.0 x 0.35 mm
SOT1116
A1
b
0.20
0.15
0.12
D
E
e
e1
L
0.35
0.30
0.27
L1
0
0.5
1 mm
scale
terminal 1
index area
E
D
(4×)(2)
(8×)(2)
A1 A
e1
e1
e1
e
L
L1
b
4
3
2
1
5
6
7
8
Fig. 13. Package outline SOT1116 (XSON8)
74LVC2G86
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 15 — 21 June 2022
13 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18