전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2080-LCD 데이터시트(PDF) 1 Page - NHP Electrical Engineering Products

부품명 2080-LCD
상세설명  M810 PLUG-IN LCD 1.5in DISPLAY KEYPAD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NHP [NHP Electrical Engineering Products]
홈페이지  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

2080-LCD 데이터시트(HTML) 1 Page - NHP Electrical Engineering Products

  2080-LCD Datasheet HTML 1Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Automation Systems > Micro Programmable Controllers and Smart Relays > Smart Relays > Allen-Bradley® Micro810®
Controllers > Micro 810® Accessories
M810 PLUG-IN LCD 1.5in DISPLAY KEYPAD
2080-LCD
Catalogue No:
·
Flexible power supply options available (12V DC, 24V
DC and 240V AC)
·
4A and 8A outputs eliminate the need for external
relays
·
Four inputs can be configured as 0-10V DC analogue
inputs (DC Models only)
·
Program download via USB programming port (2080-
USB-ADAPTER required)
·
Optional 1.5" local LCD for monitoring / modifying
application data
·
Optional LCD display also functions as a backup
memory module
·
Configure and run core smart relay function blocks
without software (2080-LCD screen required)
Representative Photo Only
(actual product may vary based on configuration selections)
1.5 Inch Plug-In LCD for Micro810 only, Display with Keypad, Smart
Relay Configuration
SPECIFICATIONS
Product Series
Component Type PLC & I/O
Module Specific Functions
Operating Temperature, Max
Operating Temperature, Min
Storage Temperature, Max
Storage Temperature, Min
IP Rating
Micro810 (Bul. 2080-LC10)
Display / HMI
1.5" LCD Display and Keypad Module
55 °C max
-20 °C min
85 °C max
-40 °C min
IP20
REFERENCES
Installation Guide:
-
User Manual:
-
Manufacturer Datasheet:
-
Manufacturer Catalogue
& Product Selection:
-
Supplier Declaration of
Conformity:
-
IECEx Certificate
-
Page 1 of 1
7 June 2023,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
2080LCD Datasheet
NHP Electrical Engineering Products


유사한 부품 번호 - 2080-LCD

제조업체부품명데이터시트상세설명
logo
NHP Electrical Engineer...
2080-LC10-12AWA NHP-2080-LC10-12AWA Datasheet
1Mb / 3P
M810 8DI 4DO RELAY 240V AC
24 June 2023,
2080-LC10-12DWD NHP-2080-LC10-12DWD Datasheet
1Mb / 3P
M810 8DI 4AI CONFIG 4DO SOURCE 12V DC
24 June 2023,
2080-LC10-12QBB NHP-2080-LC10-12QBB Datasheet
1Mb / 3P
M810 8DI 4AI CONFIG 4DO SOURCE 24V DC
24 June 2023,
2080-LC10-12QWB NHP-2080-LC10-12QWB Datasheet
1Mb / 3P
M810 8DI 4AI CONFIG 4DO RELAY 24V DC
24 June 2023,
2080-LC20-20QBB NHP-2080-LC20-20QBB Datasheet
1Mb / 3P
M820 8DI 4AI CONFIG 7DO SOURCE 1AO ENET RS232/485 24V DC
24 June 2023,
More results

유사한 설명 - 2080-LCD

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
LM041L HITACHI-LM041L Datasheet
107Kb / 2P
LCD Display
logo
Gamewell-FCI by Honeywe...
LCD-E3 GAMEWELL-FCI-LCD-E3 Datasheet
39Kb / 1P
LCD keypad display
logo
Texas Instruments
TPD6F002 TI-TPD6F002 Datasheet
390Kb / 12P
SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
logo
Axiomtek Co., Ltd.
GOT710-837 AXIOMTEK-GOT710-837 Datasheet
389Kb / 2P
Alternative keypad control in front bezel
GOT712-837 AXIOMTEK-GOT712-837 Datasheet
435Kb / 2P
Alternative keypad control in front bezel
logo
Gamewell-FCI by Honeywe...
LCD-E3 GAMEWELL-FCI-LCD-E3_13 Datasheet
49Kb / 1P
LCD Keypad Display
logo
Cherry Semiconductor Co...
G844700LPBUS2 CHERRY-G844700LPBUS2 Datasheet
159Kb / 2P
Keypad
logo
M-System Co.,Ltd.
B6ULCD MSYSTEM-B6ULCD Datasheet
86Kb / 2P
LCD DISPLAY
logo
PHOENIX CONTACT
1426836 PHOENIX-1426836 Datasheet
208Kb / 4P
Display - CHARX 4,3 LCD DISPLAY
Nov 3, 2022
logo
NHP Electrical Engineer...
2080-REMLCD NHP-2080-REMLCD Datasheet
520Kb / 1P
M820 REMOTE LCD 3.5in DISPLAY KEYPAD
6 June 2023,
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com