전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADT7408CCPZ-R2 데이터시트(PDF) 24 Page - Analog Devices

부품명 ADT7408CCPZ-R2
상세설명  -2 C Accurate, 12-Bit Digital Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADT7408CCPZ-R2 데이터시트(HTML) 24 Page - Analog Devices

Back Button ADT7408CCPZ-R2 Datasheet HTML 16Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 17Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 18Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 19Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 20Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 21Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 22Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 23Page - Analog Devices ADT7408CCPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
ADT7408
Rev. 0 | Page 24 of 24
NOTES
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
© 2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05716-0-3/06(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24