전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VS6524Q06J 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 VS6524Q06J
상세설명  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524Q06J 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button VS6524Q06J Datasheet HTML 35Page - STMicroelectronics VS6524Q06J Datasheet HTML 36Page - STMicroelectronics VS6524Q06J Datasheet HTML 37Page - STMicroelectronics VS6524Q06J Datasheet HTML 38Page - STMicroelectronics VS6524Q06J Datasheet HTML 39Page - STMicroelectronics VS6524Q06J Datasheet HTML 40Page - STMicroelectronics VS6524Q06J Datasheet HTML 41Page - STMicroelectronics VS6524Q06J Datasheet HTML 42Page - STMicroelectronics VS6524Q06J Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
VL6524/VS6524
Host communication - I²C control interface
39/70
Random location, single data read
When a location is to be read, but the value of the stored index is not known, a write
message with no data byte must be written first, specifying the index. The read message
then completes the message sequence. To avoid relinquishing the serial to bus to another
master a repeated start condition is asserted between the write and read messages.
As mentioned in the previous example, the read message is terminated with a negative
acknowledge (A) from the master.
Figure 27.
Random location, single data read
Multiple location write
For messages with more than 1 data byte the internal register index is automatically
incremented for each byte of data output, making it possible to write data bytes to
consecutive adjacent internal registers without having to send explicit indexes prior to
sending each data byte.
Figure 28.
Multiple location write
‘0’ (Write)
S
DEV ADDR R/W A
DATA
A
DATA
A
INDEX[7:0]
INDEX[15:0]
value, M
INDEX[15:8]
DATA
DATA[7:0]
DATA[7:0]
Sr
DEV ADDR R/W A
‘1’ (Read)
P
A
Previous Index Value, K
Index M
No Data Write
Data Read
16-bit Index, 8-bit data random index, single data read
A = Acknowledge
A = Negative Acknowledge
S = START Condition
Sr = repeated START
P = STOP Condition
From Slave to Master
From Master to Slave
‘0’ (Write)
S
DEV ADDR R/W A
DATA
P
A/A
DATA
A
DATA
A
INDEX[7:0]
DATA[7:0]
INDEX[15:0]
value, M
DATA[7:0]
INDEX[15:8]
DATA
A
DATA[7:0]
DATA[7:0]
N Bytes of Data
Previous Index Value, K
Index M
Index (M + N - 1)
16-bit index, 8-bit data multiple location write
A = Acknowledge
A = Negative Acknowledge
S = START Condition
Sr = repeated START
P = STOP Condition
From Slave to Master
From Master to Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70