전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5643R 데이터시트(PDF) 14 Page - Analog Devices

부품명 AD5643R
상세설명  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5643R 데이터시트(HTML) 14 Page - Analog Devices

Back Button AD5643R Datasheet HTML 10Page - Analog Devices AD5643R Datasheet HTML 11Page - Analog Devices AD5643R Datasheet HTML 12Page - Analog Devices AD5643R Datasheet HTML 13Page - Analog Devices AD5643R Datasheet HTML 14Page - Analog Devices AD5643R Datasheet HTML 15Page - Analog Devices AD5643R Datasheet HTML 16Page - Analog Devices AD5643R Datasheet HTML 17Page - Analog Devices AD5643R Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD5623R/AD5643R/AD5663R
Rev. A | Page 14 of 28
VDD (V)
1.0
0.5
0
–2.0
–1.5
–1.0
–0.5
–2.5
2.7
3.2
4.2
3.7
5.2
4.7
ZERO-SCALE ERROR
OFFSET ERROR
TA = 25°C
Figure 28. Zero-Scale Error and Offset Error vs. Supply
IDD (mA)
8
6
4
2
0
0.230
0.235
0.240
0.245
0.250
0.255
VDD = 5.5V
TA = 25°C
Figure 29. IDD Histogram with External Reference
IDD (mA)
4
5
3
2
1
0
0.78
0.80
0.82
0.84
VDD = 5.5V
TA = 25°C
Figure 30. IDD Histogram with Internal Reference
CURRENT (mA)
0.5
0.4
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
–10
–8
–6
–4
–2
0
2
4
8
610
VDD = 3V
VREFOUT = 1.25V
VDD = 5V
VREFOUT = 2.5V
DAC LOADED WITH
ZERO-SCALE
SINKING CURRENT
DAC LOADED WITH
FULL-SCALE
SOURCING CURRENT
Figure 31. Headroom at Rails vs. Source and Sink
CURRENT (mA)
6
5
4
3
2
1
–1
0
–30
–20
–10
0
10
20
30
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
ZERO SCALE
FULL SCALE
MIDSCALE
1/4 SCALE
3/4 SCALE
Figure 32. AD56x3R-5 Source and Sink Capability
CURRENT (mA)
4
–1
0
1
2
3
–30
–20
–10
0
10
20
30
VDD = 3V
VREFOUT = 1.25V
TA = 25°C
ZERO SCALE
FULL SCALE
MIDSCALE
1/4 SCALE
3/4 SCALE
Figure 33. AD56x3R-3 Source and Sink Capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com