| 전자부품 데이터시트 검색엔진 |
|
74LVC1G384GS 데이터시트(PDF) 2 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC1G384GS 데이터시트(HTML) 2 Page - Nexperia B.V. All rights reserved |
|
2 / 23 page ![]() Nexperia 74LVC1G384 Bilateral switch 4. Marking Table 2. Marking Type number Marking code[1] 74LVC1G384GW YL 74LVC1G384GV YL 74LVC1G384GM YL 74LVC1G384GN YL 74LVC1G384GS YL 74LVC1G384GX YL [1] The pin 1 indicator is located on the lower left corner of the device, below the marking code. 5. Functional diagram 001aag476 E Z Y Fig. 1. Logic symbol aaa-018896 # X1 1 1 Fig. 2. IEC logic symbol 001aaa372 Y VCC Z E Fig. 3. Logic diagram 6. Pinning information 6.1. Pinning 1 2 3 5 4 001aaa365 74LVC1G384 VCC Z E GND Y Fig. 4. Pin configuration SOT353-1 (TSSOP5) and SOT753 (SC-74A) 74LVC1G384 Z 001aag477 Y GND n.c. VCC E Transparent top view 2 3 1 5 4 6 Fig. 5. Pin configuration SOT886 (XSON6) 74LVC1G384 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2022. All rights reserved Product data sheet Rev. 9 — 16 August 2022 2 / 23 |