| 전자부품 데이터시트 검색엔진 |
|
2SC5572 데이터시트(PDF) 7 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
2SC5572 데이터시트(HTML) 7 Page - Panasonic Semiconductor |
|
7 / 11 page ![]() Parameter Emitter to base voltage Forward current transfer ratio Base to emitter saturation voltage Transition frequency Storage time Fall time Diode characteristics min - - 7 5 - - - - - - Conditions VCB=1000V,IE=0 VCB=1500V,IE=0 IE=500mA,IC=0 VCE=5V,IC=4A IC=4A,IB=0.8A IC=4A,IB=0.8A VCE=10V,IC=0.1A,f=0.5MHz IC=4A,IB1=0.8A,IB2=-1.6A IC=4A,IB1=0.8A,IB2=-1.6A IF=4A s Electrical Characteristics(TC=25°C) Collector cutoff current Collector to emitter saturation voltage Symbol ICBO ICBO VEBO fFE VCE(sat) VBE(sat) fT Tstg Tf VF typ - - - - - - 3 - - - max 50 1 - 9 3 1.5 - 5.0 0.5 -2 Unit µA mA V V V MHz µs µs V s Absolute Maximum Ratings 2SC5572 Horizontal Deflection Output Transistor 15.5 ±0.5 3.0 ±0.3 φ3.2±0.1 5.45 ±0.3 123 5.45 ±0.3 1.1 ±0.1 2.0 ±0.2 4.0 5 ° 5 ° 5 ° 5 ° 5 ° 5 ° 0.7 ±0.1 TOP-3E Unit:mm Rating 1500 1500 7 12*3 6 3 150 -55 to +150 40*1 3*2 Unit V V V A A A W °C °C Symbol VCBO VCES VEBO ICP IC IB PC Tj Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power dissipation Junction temperature Storage temperature *1)TC=25°C ,*2)Ta=25°C(Without heat sink) *3)Non-repetitive peak collector current. |