| 전자부품 데이터시트 검색엔진 |
|
P87LPC778 데이터시트(PDF) 59 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87LPC778 데이터시트(HTML) 59 Page - NXP Semiconductors |
|
59 / 79 page ![]() Philips Semiconductors P87LPC778 CMOS single-chip 8-bit microcontroller Product data Rev. 01 — 31 March 2004 59 of 79 9397 750 12378 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. Fig 23. Serial port mode 0. 80C51 internal bus 002aaa641 80C51 internal bus write to SBUF SBUF ZERO DETECTOR RxD P3.0 alt output function TX CONTROL S TX CLOCK START Q CL D serial port interrupt SHIFT CLOCK SHIFT SEND S6 RXD P3.0 alt input function load SBUF TI INPUT SHIFT REGISTER START RI RECEIVE SHIFT TX CLOCK RX CONTROL REN RI SBUF read SBUF transmit TxD P3.1 alt output function send RXD (data out) RXD (data in) D0 D1 D5 D2 D6 D3 D4 D7 TXD (shift clock) shift S1 ... S6 S1 ... S6 S1 ... S6 S1 ... S6 S1 ... S6 S1 ... S6 S1 ... S6 S1 ... S6 S1 ... S6 S1 ... S6 S1 ... S6 S1 ... S6 S1 ... S6 write to SBUF TI receive receive D0 D1 D5 D2 D6 D3 D4 D7 TxD (shift clock) shift WRITE to SCON (clear RI) RI 1 1 111 11 0 |