| 전자부품 데이터시트 검색엔진 |
|
74F525SCX 데이터시트(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74F525SCX 데이터시트(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 10 page ![]() TLF9547 August 1995 74F525 Programmable Counter General Description The ’F525 is a multi-function 28-pin device It consists of a 16-bit count-down counter logic to control the counter logic to control the state of the outputs and a PLA to decode the particular function selected by the user The list of high- speed timing applications include Features Y Baud rate generator Y Digitally programmed monostable Y Variable system frequency generator Y Digital filter variable sampling rate Y 16-bit data path Y External trigger Y Extremely accurate one shot wpulse widths from 50 ns to 327 ms CP e 40 MHz Commercial Package Package Description Number 74F525QC (Note 1) V28A 28-Lead Molded Plastic Leaded Chip Carrier 74F525SC (Note 1) M28B 28-Lead (0300 Wide) Molded Small Outline JEDEC 74F525PC N28B 28-Lead (0600 Wide) Molded Dual-In-Line Package Note 1 Devices also available in 13 reel Use suffix e SCX and QCX Connection Diagrams Pin Assignment DIP and SOIC TLF9547 – 2 Pin Assignment for PCC TLF9547 – 3 TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
유사한 부품 번호 - 74F525SCX |
|
유사한 설명 - 74F525SCX |