| 전자부품 데이터시트 검색엔진 |
|
PDTC124E 데이터시트(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTC124E 데이터시트(HTML) 2 Page - NXP Semiconductors |
|
2 / 14 page ![]() 2004 Aug 17 2 Philips Semiconductors Product specification NPN resistor-equipped transistors; R1 = 22 k Ω, R2 = 22 kΩ PDTC124E series FEATURES • Built-in bias resistors • Simplified circuit design • Reduction of component count • Reduced pick and place costs. APPLICATIONS • General purpose switching and amplification • Inverter and interface circuits • Circuit driver. QUICK REFERENCE DATA DESCRIPTION NPN resistor-equipped transistor (see “Simplified outline, symbol and pinning” for package details). SYMBOL PARAMETER TYP. MAX. UNIT VCEO collector-emitter voltage − 50 V IO output current (DC) − 100 mA R1 bias resistor 22 − k Ω R2 bias resistor 22 − k Ω PRODUCT OVERVIEW Note 1. * = p: Made in Hong Kong. * = t: Made in Malaysia. * = W: Made in China. TYPE NUMBER PACKAGE MARKING CODE PNP COMPLEMENT PHILIPS EIAJ PDTC124EE SOT416 SC-75 06 PDTA124EE PDTC124EEF SOT490 SC-89 36 PDTA124EEF PDTC124EK SOT346 SC-59 06 PDTA124EK PDTC124EM SOT883 SC-101 DX PDTA124EM PDTC124ES SOT54 (TO-92) SC-43 TC124E PDTA124ES PDTC124ET SOT23 − *17(1) PDTA124ET PDTC124EU SOT323 SC-70 *06(1) PDTA124EU |