| 전자부품 데이터시트 검색엔진 |
|
AD8134ACP-R2 데이터시트(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8134ACP-R2 데이터시트(HTML) 6 Page - Analog Devices |
|
6 / 20 page ![]() AD8134 Rev. A | Page 6 of 20 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS AD8134 OPD 1 VS– 2 –IN R 3 +IN R 4 VS– 5 SYNC LEVEL VS+ (SYNC) –IN B +IN B VS– 18 17 16 15 14 –OUT R 6 –OUT B 13 24 23 22 21 20 19 7 8 9 10 11 12 ×2 R G B Figure 4. 24-Lead LFCSP Table 5. Pin Function Descriptions Pin No. Mnemonic Description 1 OPD Output Pull Down. 2, 5, 14, 21 VS− Negative Power Supply Voltage. 3 −IN R Inverting Input, Red Amplifier. 4 +IN R Noninverting Input, Red Amplifier. 6 −OUT R Negative Output, Red Amplifier. 7 +OUT R Positive Output, Red Amplifier. 8, 11, 17, 24 VS+ Positive Power Supply Voltage. 9 +OUT G Positive Output, Green Amplifier. 10 −OUT G Negative Output, Green Amplifier. 12 +OUT B Positive Output, Blue Amplifier. 13 −OUT B Negative Output, Blue Amplifier. 15 +IN B Noninverting Input, Blue Amplifier. 16 −IN B Inverting Input, Blue Amplifier. 18 SYNC LEVEL The voltage applied to this pin controls the amplitude of the sync pulses that are applied to the common-mode voltages. 19 HSYNC Horizontal Sync Pulse Input. 20 VSYNC Vertical Sync Pulse Input. 22 +IN G Noninverting Input, Green Amplifier. 23 −IN G Inverting Input, Green Amplifier. AD8134 + – 53.6 Ω 53.6 Ω RL, dm 200Ω VOUT, dm + – 0.1 μF ON ALL VS– PINS 1.5k Ω VTEST TEST SIGNAL SOURCE 50 Ω –5V 50 Ω 750 Ω 750 Ω MIDSUPPLY 0.1 μF ON ALL VS+ PINS 1.5k Ω +5V VS+ VS– Figure 5. Basic Test Circuit |